Electronic Components Datasheet Search
  English  ▼

X  

ADV7330KST Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7330KST
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330KST Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7330KST Datasheet HTML 7Page - Analog Devices ADV7330KST Datasheet HTML 8Page - Analog Devices ADV7330KST Datasheet HTML 9Page - Analog Devices ADV7330KST Datasheet HTML 10Page - Analog Devices ADV7330KST Datasheet HTML 11Page - Analog Devices ADV7330KST Datasheet HTML 12Page - Analog Devices ADV7330KST Datasheet HTML 13Page - Analog Devices ADV7330KST Datasheet HTML 14Page - Analog Devices ADV7330KST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
REV. B
ADV7330
–11–
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADV7330KST
0
°C to 70°CLow Profile Quad Flat Package
ST-64-2
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADV7330 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1, 2
VAA to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +3.0 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +3.0 V
VDD_IO to GND_IO . . . . . . . . . . . . . . . . . . . . –0.3 V to +4.6 V
Digital Input Voltage to DGND . . . . –0.3 V to VDD_IO + 0.3 V
VAA to VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
DGND to GND_IO . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
AGND to GND_IO . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Ambient Operating Temperature (TA) . . . . . . . . 0
°C to 70°C
Storage Temperature (TS) . . . . . . . . . . . . . . –65
°C to +150°C
Infrared Reflow Soldering (20 secs) . . . . . . . . . . . . . . . . 260
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational section
of this specification is not implied. Exposure to absolute maximum ratings for
extended periods may affect device reliability.
2 Analog output short circuit to any power supply or common can be of an indefinite
duration.
THERMAL CHARACTERISTICS
JC = 11
°C/W
JA = 47
°C/W
The ADV7330 is a Pb-free, environmentally friendly product. It is
manufactured using the most up-to-date materials and processes.
The coating on the leads of each device is 100% pure Sn electro-
plate. The device is suitable for Pb-free applications, and is able
to withstand surface-mount soldering at up to 255
°C (±5°C).
In addition, it is backward compatible with conventional SnPb
soldering processes. This means that the electroplated Sn coating
can be soldered with Sn/Pb solder pastes at conventional reflow
temperatures of 220
°C to 235°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com