Electronic Components Datasheet Search
  English  ▼

X  

ADV7330KST Datasheet(PDF) 28 Page - Analog Devices

Part # ADV7330KST
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330KST Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV7330KST Datasheet HTML 24Page - Analog Devices ADV7330KST Datasheet HTML 25Page - Analog Devices ADV7330KST Datasheet HTML 26Page - Analog Devices ADV7330KST Datasheet HTML 27Page - Analog Devices ADV7330KST Datasheet HTML 28Page - Analog Devices ADV7330KST Datasheet HTML 29Page - Analog Devices ADV7330KST Datasheet HTML 30Page - Analog Devices ADV7330KST Datasheet HTML 31Page - Analog Devices ADV7330KST Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
REV. B
–28–
ADV7330
Table I provides an overview of possible input configurations.
Table I. Input Configurations
Input
Input
Input
Register
Format
Total Bits
Video
Pins
Subaddress
Setting
ITU-R
8
4:2:2
YCrCb
Y7–Y0
01h
00h
BT.656
48h
00h
16
4:2:2
Y
Y7–Y0
01h
00h
YCrCb
C7–C0
48h
08h
PS
8 (27 MHz clock)
4:2:2
YCrCb
Y7–Y0
10h
40h
13h
40h
8 (54 MHz clock)
4:2:2
YCrCb
Y7–Y0
10h
30h
13h
40h
16
4:2:2
Y
Y7–Y0
01h
10h
CrCb
C7–C0
13h
40h
HDTV
16
4:2:2
Y
Y7–Y0
01h
20h
CrCb
C7–C0
13h
40h
OUTPUT CONFIGURATION
Tables II and III show which output signals are assigned to the DACs when according control bits are set.
Table III. Output Configuration in HD/PS Mode
HD Input
RGB/YPrPb Output HD Color Swap
Format
02h, Bit 5
15h, Bit 3
DAC A DAC B DAC C
YCrCb 4:2:2
1
0
Y
Pb
Pr
YCrCb 4:2:2
1
1
Y
Pr
Pb
YCrCb 4:2:2
0
0
G
B
R
YCrCb 4:2:2
0
1
G
R
B
Table II. Output Configuration in SD Mode
RGB/YPrPb Output
SD DAC Output 1
SD DAC Output 1 SD DAC Swap
02h, Bit 5
42h, Bit 2
42h, Bit 1
44h, Bit 7
DAC A
DAC B
DAC C
00
0
0
G
B
R
00
0
1
G
B
R
00
10
CVBS
Luma
Chroma
00
11
CVBS
Chroma
Luma
01
00
CVBS
B
R
01
01
CVBS
B
R
01
10
G
Luma
Chroma
01
11
G
Chroma
Luma
10
0
0
Y
Pb
Pr
10
0
1
Y
Pb
Pr
10
10
CVBS
Luma
Chroma
10
11
CVBS
Chroma
Luma
11
00
CVBS
Pb
Pr
11
01
CVBS
Pb
Pr
11
10
Y
Luma
Chroma
11
11
Y
Chroma
Luma



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com