Electronic Components Datasheet Search
  English  ▼

X  

RC4190M Datasheet(PDF) 5 Page - Raytheon Company

Part # RC4190M
Description  Micropower Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC4190M Datasheet(HTML) 5 Page - Raytheon Company

  RC4190M Datasheet HTML 1Page - Raytheon Company RC4190M Datasheet HTML 2Page - Raytheon Company RC4190M Datasheet HTML 3Page - Raytheon Company RC4190M Datasheet HTML 4Page - Raytheon Company RC4190M Datasheet HTML 5Page - Raytheon Company RC4190M Datasheet HTML 6Page - Raytheon Company RC4190M Datasheet HTML 7Page - Raytheon Company RC4190M Datasheet HTML 8Page - Raytheon Company RC4190M Datasheet HTML 9Page - Raytheon Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
RC4190
PRODUCT SPECIFICATION
5
Typical Performance Characteristics
Figure 1. Minimum Supply Voltage vs. Temperature
Figure 2. Quiescent Current vs. Temperature
Figure 3. Reference Voltage vs. Temperature
Figure 4. Oscillator Frequency vs. Temperature
Figure 5. Minimum Supply Voltage vs. Temperature
4.0
3.0
2.0
1.0
0
-75
-50
-25
0
+25
+50
+75 +100 +125
1.8V
2.0V
2.4V
TA (°C)
TA (°C)
300
250
200
150
100
50
0
-75
-50
-25
0
+25
+50
+75 +100 +125
230
215
195
V = +6V
S
TA (°C)
1.33
1.32
1.31
1.30
1.29
1.28
-75
-50
-25
0
+25
+50
+75 +100 +125
TA (°C)
+2.0
+1.5
+1.0
+0.5
0
-0.5
-1.0
-1.5
-2.0
-75
-50
-25
0
+25
+50
+75 +100 +125
+VS (V)
+2
+1
0
-1
-2
0
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com