Electronic Components Datasheet Search
  English  ▼

X  

RC4190M Datasheet(PDF) 19 Page - Raytheon Company

Part # RC4190M
Description  Micropower Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC4190M Datasheet(HTML) 19 Page - Raytheon Company

Back Button RC4190M Datasheet HTML 15Page - Raytheon Company RC4190M Datasheet HTML 16Page - Raytheon Company RC4190M Datasheet HTML 17Page - Raytheon Company RC4190M Datasheet HTML 18Page - Raytheon Company RC4190M Datasheet HTML 19Page - Raytheon Company RC4190M Datasheet HTML 20Page - Raytheon Company RC4190M Datasheet HTML 21Page - Raytheon Company RC4190M Datasheet HTML 22Page - Raytheon Company RC4190M Datasheet HTML 23Page - Raytheon Company Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
RC4190
PRODUCT SPECIFICATION
19
When the switch is the down position, the capacitor charges
up to the battery voltage. The, when the switch is changed to
the up position, the capacitor is put in series connection with
the battery, and the doubled voltage is applied directly to the
positive power supply lead of the RC4190. This voltage is
enough to bias the junctions internal to the RC4190 and gets
it started. Then, when the stepped up output voltage reaches
a high enough value, diode D1 is forward biased and the out-
put voltage takes over supplying power to the RC4190. The
circuit is shown with component values for +5V output, but
the circuit can be set up for other voltages.
Electricity Versus Magnetism
Electrically the inductor must meet just one requirement, but
that requirement can be hard to satisfy. The inductor must
exhibit the correct value of inductance (L, in Henrys) as the
inductor current rises to its highest operating value (IMAX).
This requirement can be met most simply by choosing a very
large core and winding it until it reaches the correct induc-
tance value, but that brute force technique wastes size,
weight and money. A more efficient design technique must
be used.
Question: What happens if too small a core is used?
First, one must understand how the inductor's magnetic field
works. The magnetic circuit in the inductor is very similar to
a simple resistive electrical circuit (see Figure 20). There is a
magnetizing force (H, in oersteds), a flow of magnetism, or
flux density (B, in Gauss), and resistance to the flux, called
permeability (U, in Gauss per oersted). H is equivalent to
voltage in the electrical model, flux density is like current
flow, and permeability is like resistance (except for two
important differences discussed on the following page).
First Difference: Permeability, instead of being analogous
to resistance, is actually more like conductance (1/R). As
permeability increases, flux increases.
Second Difference: Resistance is a linear function. As volt-
age increases, current increases proportionally, and the resis-
tance value stays the same. In a magnetic circuit the value of
permeability varies as the applied magnetic force varies.
This nonlinear characteristic is usually shown in graph form
in ferrite core manufacturer's data sheets. See Figure 26.
Figure 25. Electricity Versus Magnetism
Figure 26. Typical Manufacturer’s Curve Showing Saturation Effect
E
I
R
E = I * R
65-3464-07
North
Electrical Circuit
Magentic Circuit
South
Flux
H =B •
1
U
6000
5000
4000
3000
2000
1000
0
-0.5 0 0.5 1
2 2.5 3
5
7
9
H Oersteds
+25
°C
+85
°C
+125
°C
Stackpole Ceramag 24B
Hysteresis Loop vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com