Electronic Components Datasheet Search
  English  ▼

X  

RC4190M Datasheet(PDF) 6 Page - Raytheon Company

Part # RC4190M
Description  Micropower Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC4190M Datasheet(HTML) 6 Page - Raytheon Company

Back Button RC4190M Datasheet HTML 2Page - Raytheon Company RC4190M Datasheet HTML 3Page - Raytheon Company RC4190M Datasheet HTML 4Page - Raytheon Company RC4190M Datasheet HTML 5Page - Raytheon Company RC4190M Datasheet HTML 6Page - Raytheon Company RC4190M Datasheet HTML 7Page - Raytheon Company RC4190M Datasheet HTML 8Page - Raytheon Company RC4190M Datasheet HTML 9Page - Raytheon Company RC4190M Datasheet HTML 10Page - Raytheon Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PRODUCT SPECIFICATION
RC4190
6
Principles of Operation
Simple Step-Up Converter
The most common application, the step-up regulator, is
derived from a simple step-up (VOUT > VBAT) DC-to-EC
Converter (Figure 6).
Figure 6. Simple Set-Up
When switch S is closed, the battery voltage is applied
across the inductor L. Charging current flows through the
inductor, building up a magnetic field, increasing as the
switch is held closed. While the switch is closed, the diode D
is reverse biased (open circuit) and current is supplied to the
load by the capacitor C. Until the switch is opened, the
inductor current will increase linearly to a maximum value
determined by the battery voltage, inductor value, and the
amount of time the switch is held closed (IMAX = VBAT/
L x TON). When the switch is opened, the magnetic field
collapses, and the energy stored in the magnetic field is
converted into a discharge current which flows through the
inductor in the same direction as the charging current.
Because there is no path for current to flow through the
switch, the current must flow through the switch, the current
must flow through the diode to supply the load and charge
the output capacitor.
D
(+)
(–)
VOUT
L
BAT
R
C
S
L
V
65-1646
If the switch is opened and closed repeatedly, at a rate much
greater than the time constant of the output RC, then a
constant dc voltage will be produced at the output.
An output voltage higher than the input voltage is possible
because of the high voltage produced by a rapid change of
current in the inductor. When the switch is opened, the
inductor voltage will instantly rise high enough to forward
bias the diode, to VOUT + VD.
In the complete RC4190 regulator, a feedback control sys-
tem adjusts the on time of the switch, controlling the level of
inductor current, so that the average inductor discharge
current equals the load current, thus regulating the output
voltage.
Complete Step-Up Regulator
A complete schematic of the minimum step-up application is
shown in Figure 7. The ideal switch in the DC-to-DC
Converter diagram is replaced by an open collector NPN
transistor Q1. CF functions as the output filter capacitor, and
D1 and LX replace D and L.
When power is first applied, the current in R1 supplies bias
current to pin 6 (IC). This current is stabilized by a unity gain
current source amplifier and then used as bias current for the
1.31V bandgap reference. A very stable bias current gener-
ated by the bandgap is mirrored and used to bias the remain-
der of the chip. At the same time the RC4190 is starting up,
current will flow through the inductor and the diode to
charge the output capacitor to VBAT – VD.
Figure 7. Complete Step-Up Regulator
E
G
D
B
C
A
REF
VFB
Q1
GND
VBAT
IC
+VS
LX
CX
LX
ILX
F
ID
R1
+
–
+
–
6
5
OSC
C
2
3
D1
RC4190
1
8
LBR
LBD
+1.31V
7
NC
NC
R3
CF
RL
R2
ILOAD
VOUT = VREF (
+ 1)
4
X
R2
R3
(+)
(–)
65-2673A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com