Electronic Components Datasheet Search
  English  ▼

X  

RC4190M Datasheet(PDF) 21 Page - Raytheon Company

Part # RC4190M
Description  Micropower Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC4190M Datasheet(HTML) 21 Page - Raytheon Company

Back Button RC4190M Datasheet HTML 17Page - Raytheon Company RC4190M Datasheet HTML 18Page - Raytheon Company RC4190M Datasheet HTML 19Page - Raytheon Company RC4190M Datasheet HTML 20Page - Raytheon Company RC4190M Datasheet HTML 21Page - Raytheon Company RC4190M Datasheet HTML 22Page - Raytheon Company RC4190M Datasheet HTML 23Page - Raytheon Company RC4190M Datasheet HTML 24Page - Raytheon Company RC4190M Datasheet HTML 25Page - Raytheon Company  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
RC4190
PRODUCT SPECIFICATION
21
3.
Note the approximate air gap at IMAX for the selected
core, and order the core with the gap. (If the gapping is
done by the user, remember that a washer spacer results
in an air gap of twice the washer thickness, because two
gaps will be created, one at the center post and one at the
rim, like taking two bites from a doughnut.)
4.
If the required inductance is equal to the indicated value
on the graph, then wind the core with the number of
turns shown in table of sizes. The turns given are the
maximum number for that gauge of wire that can be
easily wound in the cores winding area.
5.
If the required inductance is less than the value indicated
on the graph, a simple calculation must be done to find
the adjusted number of turns. Find AL (inductance
index) for a specific air gap.
in Henrys/turn2
Then divide the required inductance value by AL to give
the actual turns squared, and take the square root to find
the actual turns needed.
If the actual number of turns is significantly less than the
number from the table then the wire size can be
increased to use up the left-over winding area and
reduce resistive losses.
6.
Wind and gap the core as per calculations, and measure
the value with an inductance meter. Some adjustment of
the number of turns may be
necessary.
The saturation characteristics may be checked with the
inductor wired into the switching regulator application
circuit. To do so, build and power up the circuit. Then
(recommend Tektronix P6042 or equivalent) around the
inductor lead and monitor the current in the inductor.
Draw the maximum load current from the application
circuit so that the regulator is running at close to full
duty cycle.
Compare the waveform you see to those pictured in
Figure 28.
Check for saturation at the highest expected ambient
temperature.
7.
After the operation in circuit has been checked,
reassemble and pot the core using a potting compound
recommended by the manufacturer.
If the core material differs greatly in magnetic character-
istics from the standard power material shown in Figure
22, then the following general equation can be used to
help in winding and gapping. This equation can be used
for any core geometry, such as an E-E core.
Where: N = number of turns
Ae = core area from data sheet (in cm2)
le = magnetic path length from data sheet (in cm)
ue = permeability of core from manufacturer's graph
g = center post air gap (in cm)
Manufacturers
Below is a list of several pot core manufacturers:
Ferroxcube Company
5083 Kings Highway
Saugerties, NY 12477
Indiana General Electronics
Keasley, NJ 08832
Siemens Company
186 Wood Avenue South
Iselin, NJ 08830
Stackpole Company
201 Stackpole Street
St. Mary, PA 15857
TDK Electronics
13-1-Chome
Nihonbaski, Chuo-ku, Tokyo
L indicated
(
)
Turns
2
---------------------------------
A
L
=
ActualTurns
L required
(
)
A
L
-------------------------------
=
L
X
1.26
(
) N
2
( ) Ae
(
) 10
8
(
)
g
le
( ) ue
( )
⁄
=
-----------------------------------------------------
=
Figure 28. Inductor Current Waveforms
0
IMAX
65-3464-08
Proper Operation
(Waveform is Fairly Linear)
Improper Operation
(Waveform is Nonlinear, Inductor
Is Saturating)
0
IMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com