Electronic Components Datasheet Search
  English  ▼

X  

RC4190M Datasheet(PDF) 22 Page - Raytheon Company

Part # RC4190M
Description  Micropower Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC4190M Datasheet(HTML) 22 Page - Raytheon Company

Back Button RC4190M Datasheet HTML 17Page - Raytheon Company RC4190M Datasheet HTML 18Page - Raytheon Company RC4190M Datasheet HTML 19Page - Raytheon Company RC4190M Datasheet HTML 20Page - Raytheon Company RC4190M Datasheet HTML 21Page - Raytheon Company RC4190M Datasheet HTML 22Page - Raytheon Company RC4190M Datasheet HTML 23Page - Raytheon Company RC4190M Datasheet HTML 24Page - Raytheon Company RC4190M Datasheet HTML 25Page - Raytheon Company  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
PRODUCT SPECIFICATION
RC4190
22
Mechanical DImensions
8-Lead Ceramic DIP Package
5
8
1
4
A
—
.200
—
5.08
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b1
.014
.023
.36
.58
.065
1.65
b2
.045
1.14
c1
.008
.015
.20
.38
E
.220
.310
5.59
7.87
e
.100 BSC
2.54 BSC
L
.125
.200
3.18
5.08
.015
.060
.38
1.52
.005
—
.13
—
3
6
8
4
8
2, 8
4
5, 9
eA
.300 BSC
7.62 BSC
7
Q
s1
90
°
105
°
90
°
105
°
α
D
—
.405
—
10.29
Notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
Index area: a notch or a pin one identification mark shall be located
adjacent to pin one. The manufacturer's identification shall not be
used as pin one identification mark.
The minimum limit for dimension "b2" may be .023 (.58mm) for leads
number 1, 4, 5 and 8 only.
Dimension "Q" shall be measured from the seating plane to the base
plane.
This dimension allows for off-center lid, meniscus and glass overrun.
The basic pin spacing is .100 (2.54mm) between centerlines. Each
pin centerline shall be located within
±.010 (.25mm) of its exact
longitudinal position relative to pins 1 and 8.
Applies to all four corners (leads number 1, 4, 5, and 8).
"eA" shall be measured at the center of the lead bends or at the
centerline of the leads when "
α" is 90°.
All leads – Increase maximum limit by .003 (.08mm) measured at the
center of the flat, when lead finish applied.
Six spaces.
Note 1
D
E
s1
b2
Q
A
e
b1
L
eA
c1
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com