Electronic Components Datasheet Search
  English  ▼

X  

RC4190M Datasheet(PDF) 13 Page - Raytheon Company

Part # RC4190M
Description  Micropower Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC4190M Datasheet(HTML) 13 Page - Raytheon Company

Back Button RC4190M Datasheet HTML 9Page - Raytheon Company RC4190M Datasheet HTML 10Page - Raytheon Company RC4190M Datasheet HTML 11Page - Raytheon Company RC4190M Datasheet HTML 12Page - Raytheon Company RC4190M Datasheet HTML 13Page - Raytheon Company RC4190M Datasheet HTML 14Page - Raytheon Company RC4190M Datasheet HTML 15Page - Raytheon Company RC4190M Datasheet HTML 16Page - Raytheon Company RC4190M Datasheet HTML 17Page - Raytheon Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
RC4190
PRODUCT SPECIFICATION
13
Buck-Boost Circuit (Step-Up/Down)
A disadvantage of the standard step-up and step-down
circuits is the limitation of the input voltage range; for a step-
up circuit, the battery voltage must always be less than the
programmed output voltage, and for a step-down circuit, the
battery voltage must always be greater than the output volt-
age. The following circuit eliminates this disadvantage,
allowing a battery voltage above the programmed output
voltage to decay to well below the output voltage (see
Figure 18).
The circuit operation is similar to the step-up circuit opera-
tion, except that both terminal of the inductor are connected
to switch transistors. This switching method allows the
inductor to be disconnected from the battery during the time
the inductor is being discharged. A new discharge path is
provided by D1, allowing the inductor to be referenced to
ground and independent of the battery voltage. The effi-
ciency of this circuit will be reduced to 55-60% by losses in
the extra switch transistor and diode. Efficiency can be
improved by choosing transistors with low saturation volt-
ages and by using power Schottky diodes such as Motorola's
MBR030.
Step-Up Voltage Dependent Oscillator
The RC4190's ability to supply load current at low battery
voltages depends on the inductor value and the oscillator
frequency. Low values of inductance or a low oscillator
frequency will cause a higher peak inductor current and
therefore increase the load current capability. A large induc-
tor current is not necessarily best, however, because the large
amount of energy delivered with each cycle will cause a
large voltage ripple at the output, especially at high input
voltages. This trade-off between load current capability and
output ripple can be improved with the circuit connection
shown in Figure 19. This circuit uses the low battery detector
to sense for a low battery voltage condition and will decrease
the oscillator frequency after a pre-programmed threshold is
reached.
Figure 18. Buck Boost Circuit (Step-Up/Down)
Figure 19. Step-Up Voltage Dependent Oscillator
+VBAT
65-2681
4190
7
4
3
5
6
Lx
D1
100
µF
+VOUT
2N2906
2
Cx
R2
R1
1M
R4
2.2K
R3
or
Equivalent
1N914
D2
1N914
1.0 mH
IC
+VS
LX
CX
GND
VFB
CF
+V
BAT
65-2683
4190
7
4
3
5
6
Lx
CF
+V
OUT
2
R2
R1
1M
R3
1N914
R4
R5
8
1
Cx
C2
IC
+VS
LX
LBR
LBD
CX
VFB
Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com