Electronic Components Datasheet Search
  English  ▼

X  

RC4190M Datasheet(PDF) 23 Page - Raytheon Company

Part # RC4190M
Description  Micropower Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC4190M Datasheet(HTML) 23 Page - Raytheon Company

Back Button RC4190M Datasheet HTML 17Page - Raytheon Company RC4190M Datasheet HTML 18Page - Raytheon Company RC4190M Datasheet HTML 19Page - Raytheon Company RC4190M Datasheet HTML 20Page - Raytheon Company RC4190M Datasheet HTML 21Page - Raytheon Company RC4190M Datasheet HTML 22Page - Raytheon Company RC4190M Datasheet HTML 23Page - Raytheon Company RC4190M Datasheet HTML 24Page - Raytheon Company RC4190M Datasheet HTML 25Page - Raytheon Company  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
RC4190
PRODUCT SPECIFICATION
23
Mechanical DImensions (continued)
8-Lead Plastic DIP Package
A
—
.210
—
5.33
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.015
—
.38
—
.022
.56
B
.014
.36
B1
.045
.070
1.14
1.78
D
.348
.430
8.84
10.92
.300
.325
7.62
8.26
.240
.280
6.10
7.11
E
e
—
.430
—
10.92
.005
—
.13
—
4
A2
.115
.195
2.93
4.95
2
E1
.100 BSC
2.54 BSC
2
eB
A2
.115
.160
2.92
4.06
L
D1
8
°
8
°
5
N
C
.008
.015
.20
.38
Notes:
1.
2.
3.
4.
5.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
"D" and "E1" do not include mold flashing. Mold flash or protrusions
shall not exceed .010 inch (0.25mm).
Terminal numbers are for reference only.
"C" dimension does not include solder finish thickness.
Symbol "N" is the maximum number of terminals.
D
B1
e
B
E1
A1
A
L
4
5
8
1
E
eB
C
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com