Electronic Components Datasheet Search
  English  ▼

X  

RC4190M Datasheet(PDF) 18 Page - Raytheon Company

Part # RC4190M
Description  Micropower Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC4190M Datasheet(HTML) 18 Page - Raytheon Company

Back Button RC4190M Datasheet HTML 14Page - Raytheon Company RC4190M Datasheet HTML 15Page - Raytheon Company RC4190M Datasheet HTML 16Page - Raytheon Company RC4190M Datasheet HTML 17Page - Raytheon Company RC4190M Datasheet HTML 18Page - Raytheon Company RC4190M Datasheet HTML 19Page - Raytheon Company RC4190M Datasheet HTML 20Page - Raytheon Company RC4190M Datasheet HTML 21Page - Raytheon Company RC4190M Datasheet HTML 22Page - Raytheon Company Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
PRODUCT SPECIFICATION
RC4190
18
Background Information
During the past several years there have been various switch-
ing regulator ICs introduced by many manufacturers, all of
which attended to the same market, namely controllers for
use in power supplies delivering greater than 10W of DC
power. Raytheon felt there was another area which could use
a switching regulator to even more advance the area of bat-
tery powered equipment. Battery powered systems have
problems peculiar unto themselves: changes in supply volt-
age, space considerations, battery life and usually cost. The
RC4190 was designed with each of these in mind.
The RC4190 was partitioned to work in an eight pin pack-
age, making it smaller than other controllers which go into
14 and 16 pin packages.
Battery powered applications require the load as seen by the
battery to be as small as possible to extend battery life. To
this end, the quiescent current of the RC4190 is 15 to 100
times less than controllers designed for nonbattery applica-
tions. At the same time, the switch transistor can sink 200
mA at 0.4V, comparable to or better than higher powered
controllers. As an example, the 4190 configured in the
step-up mode can supply 5.0V at 40 mA output with an
input of 3.0V.
Cost is usually a primary consideration in battery powered
systems. The RC4190, guaranteed to work down to 2.2V, can
save the designer and end user money as well because bat-
tery costs decrease as the number of cells needed goes down.
Soft Start
The delay introduced by the RC time constant at start-up
allows the output filter capacitor to charge up, reducing the
instantaneous supply current. A typical value for C is in the
0.1
µF range.
Bootstrapped Low Voltage Start-Up
Figure 24 shows the bootstrapped application can be "kicked
on" using an extra capacitor and triple pole double throw
switch (3PDT). This connection allows the circuit to start up
using a single Ni-Cad cell of 1.2V to 1.6V. When power is
first applied the 1.2V battery does not provide enough volt-
age to meet the minimum 2.2V supply voltage requirement.
The 22
µF capacitor, when switched, temporarily doubles the
battery voltage to bias up the RC4190.
65-2076
RC4190
6
1M
CT
IC
+VS
Figure 24. Bootstrapped Low Voltage Start-Up
65-2078
LX
D1
D2
4
100
µH
1N914
Motorola
MBR140P
R2
33K
VOUT = +5V, 10 mA
CF
22 pF
R3
13K
R1
1M
4190
5
6
2
3
GND
7
22
µF
TPDT
VBAT
1.2V
CX
100 pF
+VS
IC
LX
VFB
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com