Electronic Components Datasheet Search
  English  ▼

X  

RC4190M Datasheet(PDF) 25 Page - Raytheon Company

Part # RC4190M
Description  Micropower Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC4190M Datasheet(HTML) 25 Page - Raytheon Company

Back Button RC4190M Datasheet HTML 17Page - Raytheon Company RC4190M Datasheet HTML 18Page - Raytheon Company RC4190M Datasheet HTML 19Page - Raytheon Company RC4190M Datasheet HTML 20Page - Raytheon Company RC4190M Datasheet HTML 21Page - Raytheon Company RC4190M Datasheet HTML 22Page - Raytheon Company RC4190M Datasheet HTML 23Page - Raytheon Company RC4190M Datasheet HTML 24Page - Raytheon Company RC4190M Datasheet HTML 25Page - Raytheon Company  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
PRODUCT SPECIFICATION
RC4190
12/95 0.0m
Stock#DS20004190
© Raytheon Company
The information contained in this data sheet has been carefully compiled; however, it shall not by implication or otherwise become part of the
terms and conditions of any subsequent sale. Raytheon’s liability shall be determined solely by its standard terms and conditions of sale.
No representation as to application or use or that the circuits are either licensed or free from patent infringement is intended or implied.
Raytheon reserves the right to change the circuitry and any other data at any time without notice and assumes no liability for errors.
LIFE SUPPORT POLICY:
Raytheon’s products are not designed for use in life support applications, wherein a failure or malfunction of the component can reasonably
be expected to result in personal injury. The user of Raytheon components in life support applications assumes all risk of such use and
indemnifies Raytheon Company against all damages.
Raytheon Electronics
Semiconductor Division
350 Ellis Street
Mountain View CA 94043
650.968.9211
FAX 650.966.7742
Ordering Information
Note:
1. /883B suffix denotes MIL-STD-883, Level B processing.
Product Number
Temperature Range
Screening
Package
RC4190M
0
° to 70°C
Commercial
8 Pin Narrow SOIC
RC4190N
0
° to 70°C
Commercial
8 Pin Plastic DIP
RM4190D
-55
°C to +125°C
8 Pin Ceramic DIP
RM4190D/883B
-55
°C to +125°C
Military
8 Pin Ceramic DIP
RV4190N
-25
°C to +85°C
Industrial
8 Pin Plastic DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com