Electronic Components Datasheet Search
  English  ▼

X  

CBM-DC2 Datasheet(PDF) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM-DC2
Description  Product manual
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM-DC2 Datasheet(HTML) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM-DC2 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
3
www.corebai.com
CBM-DC2
产品手册
终端等效电容
Symbol
Terminal
Conditions
Rated Value
Unit
Min
Typ
Max
Ci
Input
measured @ Vcc = Vio,
f = 1 MHz,
Ta = 25℃
t.b.d
pF
Co
Output
t.b.d
Cio
Bidirectional
t.b.d
时间测量单元
Symbol
Terminal
Conditions
Rated Value
Unit
Min
Typ
Max
LSB
Vio = Vcc = 3.3 V
-40℃
3.6V
25℃,
3.3V
85℃,
3.0V
ps
35
63
111
Vio = Vcc = 2.5 V
-40℃,
2.75V
25℃,
2.5V
80℃,
2.25V
38
76
156
σ
Standard Deviation
Vio=3.3 V, Vcc =3.3 V Ta = 25℃
-
50
-
温度测量单元
Symbol
Parameter
Conditions
Rated Value
Unit
Min
Typ
Max
Resolution RMS
Vio = Vcc =3.3 V PT1000
150 nF Capacitance
16.0
Bit
SNR
96
dB
Absolute Ga in-Error
0,1
%
Gain-Drift vs. Vio
0,08
%/V
Gain-Drift vs. Temp
0,0008
%/K
Uncalibrated Offset
<0.01
%
Offset Drift vs. Temp
<0,2
ppm/K
PSRR
>100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com