Electronic Components Datasheet Search
  English  ▼

X  

CBM-DC2 Datasheet(PDF) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM-DC2
Description  Product manual
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM-DC2 Datasheet(HTML) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM-DC2 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4
www.corebai.com
CBM-DC2
产品手册
时序
如果没有特别说明,以下特性参数均是在 Vcc=3.3V±0.3V,环境温度为-40℃~+85℃ 的条件下测量
得到的。
Symbol
Parameter
Min
Typ
Max
Units
Oscillator
Clk32
32 kHz reference oscillator
32,768
kHz
toszst
Oscillator start-up time with ceramic resonator
200
µs
toszst
Oscillator start-up time with crystal oscillator
5
ms
ClkHS
High-speed reference oscillator
2
8
MHz
Serial interface
Max @ Vio =
2.0V
2.5V
3.3V
fclk
Serial clock frequency
10
20
25
MHz
Min @ Vio =1
2.0V
2.5V
3.3V
tpwh
Serial clock, pulse width high
50
25
20
ns
tpwl
Serial clock, pulse width low
50
ns
tsussn
SSN enable to valid latch clock
20
40
10
ns
tpwssn
SSN pulse width between write cycles
50
30
20
ns
thssn
SSN hold time after SCLK falling
70
40
25
tsud
Data set-up time prior to SCLK falling
10
5
5
ns
thd
Data hold time before SCLK falling
10
5
5
ns
Max @ Vio =
1.8V
2.5V
3.3V
tvd
Data valid after SCLK rising
30
20
16
ns
1 电源电压为 2.5V,3.3V 和 5V 时最差状况
2 核心电压 Vcc=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com