Electronic Components Datasheet Search
  English  ▼

X  

CBM-DC2 Datasheet(PDF) 8 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM-DC2
Description  Product manual
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM-DC2 Datasheet(HTML) 8 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM-DC2 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
www.corebai.com
CBM-DC2
产品手册
22
Vio
I/O – supply voltage
23
PT2
Port 2 temperature measurement
48mA
24
PT1
Port 1 temperature measurement
48mA
25
En_Stop2 Enable pin stop input 2
Schmitt trigger
HIGH active
Vio
26
En_Stop1 Enable pin stop input 1
Schmitt trigger
HIGH active
Vio
27
Stop2
Stop input 2
GND
28
GND
Ground
29
Vcc
Core supply voltage
30
Stop1
Stop input 1
GND
31
Start
Start input
32
En_Start
Enable pin start input
Schmitt trigger
HIGH active
Vio
热敏阻抗
粗略计算,在 0m/s 的气流中,为 40K/W;在 1m/s 的气流中,为 37K/W;在 2m/s 的气流中,为 35K/W
(这些数值仅做参考)
温度曲线
红外回流炉(温度为树脂表面温度)的温度曲线应该在下面所描述的温度范围内取得
最高温度
树脂表面的最高温度要求为指定 260℃ 作为封装芯片表面的峰值温度,是由于在树脂表面的温度在
10 秒钟内不能超过 250℃。此温度应尽可能的保持低温来减少由于在封装时的热干扰而带来的负荷,也
就是说推荐使用较短的焊接时间。另外使用合适的温度曲线,我们也建议您认真地检查确认是否焊脚是好
的焊接。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com