Electronic Components Datasheet Search
  English  ▼

X  

MIC4609 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 14Page - Microchip Technology MIC4609 Datasheet HTML 15Page - Microchip Technology MIC4609 Datasheet HTML 16Page - Microchip Technology MIC4609 Datasheet HTML 17Page - Microchip Technology MIC4609 Datasheet HTML 18Page - Microchip Technology MIC4609 Datasheet HTML 19Page - Microchip Technology MIC4609 Datasheet HTML 20Page - Microchip Technology MIC4609 Datasheet HTML 21Page - Microchip Technology MIC4609 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MIC4609
DS20005531A-page 18
 2016 Microchip Technology Inc.
4.4
Input Stage
The xHI and xLI pins are referenced to the COM pin
and have a CMOS/TTL compatible input range. The
input threshold voltage is independent of the
VDD supply. The input pin voltage must not exceed the
VDD pin voltage. The voltage state of the input signal(s)
does not change the quiescent current draw of the
driver. The input stage block diagram is shown in
Figure 4-2.
FIGURE 4-2:
Input Stage Block Diagram.
An internal pull-down resistor is connected to the
xHI and xLI pins. This pulls the driver output pins low if
the inputs are disconnected or left floating. A small
amount of hysteresis is programmed into the input to
prevent false triggering of the output. In addition, each
input has a minimum pulse-width filter for additional
noise immunity protection. The input pulse width must
exceed the tFLTR time before the outputs will change
state. Refer to the Electrical Characteristics table and
Figure 4-3 for additional information.
FIGURE 4-3:
Minimum Pulse-Width Diagram.
xHI/xLI
Min PW Filter
tPW1
tFLTR
tPW
tFLTR
tON
tOFF
xLI, xHI
xLO, xHO
tPW1
tFLTR
tFLTR
tPW
tON
tOFF
xLI, xHI
xLO, xHO
tPW
Input and output
pulse widths (tPW) are equal
tPW
tPW1 < tFLTR
tPW1 < tFLTR
tPW > tFLTR
tPW > tFLTR
tFLTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com