Electronic Components Datasheet Search
  English  ▼

X  

MIC4609 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 5Page - Microchip Technology MIC4609 Datasheet HTML 6Page - Microchip Technology MIC4609 Datasheet HTML 7Page - Microchip Technology MIC4609 Datasheet HTML 8Page - Microchip Technology MIC4609 Datasheet HTML 9Page - Microchip Technology MIC4609 Datasheet HTML 10Page - Microchip Technology MIC4609 Datasheet HTML 11Page - Microchip Technology MIC4609 Datasheet HTML 12Page - Microchip Technology MIC4609 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005531A-page 9
MIC4609
Note: Unless otherwise indicated, TA = +25°C with 10V  VDD  20V.
FIGURE 2-7:
VDD+HB Shutdown Current
vs. Voltage.
FIGURE 2-8:
VDD+HB Shutdown Current
vs. Temperature.
FIGURE 2-9:
VDD Operating Current vs.
Frequency.
FIGURE 2-10:
VHB Operating Current vs.
Frequency – One Phase.
FIGURE 2-11:
HO Output Sink
ON-Resistance vs. VDD.
FIGURE 2-12:
HO Output Sink
ON-Resistance vs. Temperature.
0
20
40
60
80
100
120
10
11
12
13
14
15
16
17
18
19
20
V
DD+HB (V)
HI = LI = 0V
V
HS= GND
EN = 0V
V
DD= VHB
-40ºC
25ºC
125ºC
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
DD = 15V
V
DD = 10V
V
DD = 20V
HI = LI = 0V
V
HS = GND
EN = 0V
V
DD = VHB
0
20
40
60
80
100
120
140
160
180
200
123 456789 10 11 12 13 14 15 16 17 18 19 20
Frequency (kHz)
-40ºC
25ºC
125ºC
V
HB = VDD
V
HS = 0V
C
L = 0 nF
0
20
40
60
80
100
120
140
160
180
200
123 456789 10 11 12 13 14 15 16 17 18 19 20
Frequency (kHz)
-40ºC
25ºC
125ºC
V
HB = VDD
V
HS = 0V
C
L = 0 nF
5
10
15
20
25
10
11
12
13
14
15
16
17
18
19
20
V
DD (V)
-40ºC
25ºC
125ºC
I
HO = 50 mA
V
HS = GND
EN = V
HB = VDD
5
10
15
20
25
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
DD = 20V
V
DD = 15V
V
DD = 10V
I
HO = 50 mA
V
HS = GND
EN = V
HB = VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com