Electronic Components Datasheet Search
  English  ▼

X  

MIC4609 Datasheet(PDF) 31 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 26Page - Microchip Technology MIC4609 Datasheet HTML 27Page - Microchip Technology MIC4609 Datasheet HTML 28Page - Microchip Technology MIC4609 Datasheet HTML 29Page - Microchip Technology MIC4609 Datasheet HTML 30Page - Microchip Technology MIC4609 Datasheet HTML 31Page - Microchip Technology MIC4609 Datasheet HTML 32Page - Microchip Technology MIC4609 Datasheet HTML 33Page - Microchip Technology MIC4609 Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005531A-page 31
MIC4609
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MIC4609:
600V 3-Phase MOSFET/IGBT Driver
Lead Finish:
Y
=
Pb-Free with Industrial Temperature
Grade
Package Code:
WM
=
Plastic Small Outline, 7.52 mm Body,
28-Lead SOIC Wide Package
PART NO.
X
XX
Package Code
Lead Finish
Device
Examples:
a) MIC4609YWM-TR: 600V 3-Phase MOSFET/IGBT Driver,
7.52 mm body,
28LD SOIC Wide package,
Tape and Reel
–X (1)
Tape and Reel
Option
Note 1:
Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com