Electronic Components Datasheet Search
  English  ▼

X  

MIC4609 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 2Page - Microchip Technology MIC4609 Datasheet HTML 3Page - Microchip Technology MIC4609 Datasheet HTML 4Page - Microchip Technology MIC4609 Datasheet HTML 5Page - Microchip Technology MIC4609 Datasheet HTML 6Page - Microchip Technology MIC4609 Datasheet HTML 7Page - Microchip Technology MIC4609 Datasheet HTML 8Page - Microchip Technology MIC4609 Datasheet HTML 9Page - Microchip Technology MIC4609 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MIC4609
DS20005531A-page 6
 2016 Microchip Technology Inc.
Overcurrent Protection
Rising Overcurrent Threshold
VISNS+
420
520
650
mV
ISNS Pin Blanking Time
tISNS_BLK
270
370
470
ns
ISNS-to-Gate Propagation Delay
tISNS_PROP
400
650
900
ns
Fault Circuit
Fault Pin Output Low Voltage
VOLF
——
0.8
VVISNS = 1V, IFAULT = 1 mA
Rising VCIN Pin Threshold
VRCIN+
—5
—
V
VCIN Hysteresis
VRCIN_HYS
—0.6
—
V
RCIN Pin Current Source
IRCIN
35
7
µA
VRCIN = 0V
Fault Clear Time
tFCL
0.5
1
2
ms
CRCIN = 1nF
LO Gate Driver
Low-Level Output Voltage
VxOLL
—0.5
0.9
VIxLO = 50 mA
High-Level Output Voltage
VxOHL
—0.6
0.9
VIxLO = -50 mA
VxOHL = VDD - VxLO
Peak Sink Current
IxOHL
—1
—
A
VxLO = 0V
Peak Source Current
IxOLL
—1
—
A
VxLO = 20V
HO Gate Driver
Low-Level Output Voltage
VxOLH
—0.5
0.9
VIxHO = 50 mA
High-Level Output Voltage
VxOHH
—0.6
0.9
VIxHO = -50 mA
VxOHH = VxHB - VxHO
Peak Sink Current
IxOHH
—1
—
A
VxHO = 0V
Peak Source Current
IxOLH
—1
—
A
VxHO = 20V
Switching Specifications
Turn-On Propagation Delay
tON
300
600
700
ns
CL = 1 nF
Turn-Off Propagation Delay
tOFF
300
550
700
ns
CL = 1 nF
Turn-On Rise Time
tR
—20
60
ns
CL = 1 nF
Turn-Off Fall Time
tF
—20
60
ns
CL = 1 nF
Input Filtering Time
tFLTR
200
300
480
ns
xLI, xHI, EN
Dead Time
tD
200
300
450
ns
CL = 1 nF
Delay Matching
tDLYM
—50
—
ns
CL = 1 nF
EN-to-Gate Shutdown Delay
tEN_OFF
450
650
750
ns
CL = 1 nF
Output Pulse Width Matching
tPWN
—50
—
ns
tPW > 1 µs
CL = 1 nF
AC/DC ELECTRICAL CHARACTERISTICS (CONTINUED) (Note 1, 2)
Electrical Specifications: Unless otherwise indicated, VDD = VxHB = 20V, VEN = 5V, VSS = VxHS = 0V; No load on
xLO or xHO, TA = +25°C. Bold values indicate -40°C TJ +125°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
Specification for packaged product only.
2:
The x in the suffix of a pin name designates any of the three phases, e.g., xHS refers to either AHS, BHS
or CHS.
3:
Enable resistance is typical only and is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com