Electronic Components Datasheet Search
  English  ▼

X  

MIC4609 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 18Page - Microchip Technology MIC4609 Datasheet HTML 19Page - Microchip Technology MIC4609 Datasheet HTML 20Page - Microchip Technology MIC4609 Datasheet HTML 21Page - Microchip Technology MIC4609 Datasheet HTML 22Page - Microchip Technology MIC4609 Datasheet HTML 23Page - Microchip Technology MIC4609 Datasheet HTML 24Page - Microchip Technology MIC4609 Datasheet HTML 25Page - Microchip Technology MIC4609 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MIC4609
DS20005531A-page 22
 2016 Microchip Technology Inc.
FIGURE 4-8:
Overcurrent Fault Sequence.
4.8.1
ISNS
The ISNS pin may be used to monitor motor winding
currents. The measurement is referenced to the
VSS pin and can sense the voltage across a low-side
current sense resistor or it may be connected to a
current sense transformer. The current sense resistor
is typically connected between the source pins
(MOSFET) or emitter pins (IGBT) of all three low-side
switches and power ground.
If the peak voltage on the ISNS pin exceeds the VISNS
threshold, it will cause all six outputs to latch off. A
blanking circuit on the ISNS comparator output
prevents noise from falsely tripping the overcurrent
circuit. The ISNS pin is internally pulled down to VSS
but may be externally connected to VSS ground for
improved noise immunity if the overcurrent feature is
not used.
4.8.2
RCIN
A capacitor connected to the RCIN pin determines the
amount of time the gate drive outputs are latched off
before they can be restarted.
During normal operation, the RCIN pin is internally
pulled low. Once an overcurrent condition is detected,
the RCIN pin capacitor is charged up by an internal
current source until the voltage reaches the
VRCIN+ threshold and the latch is reset. The outputs are
then enabled.
The delay time can be approximated by applying
Equation 4-1.
EQUATION 4-1:
4.8.3
FAULT
This open-drain output is asserted low for an
overcurrent condition or when the VDD voltage is below
the
UVLO
threshold.
It
will
de-assert
to
a
high-impedance state once the VDD rises above the
UVLO threshold or when the RCIN pin voltage has
reached the VRCIN+ threshold. During normal
operation, the internal pull-down MOSFET of the pin is
high impedance. A pull-up resistor must be connected
to this pin.
FAULT
RCIN Threshold
ISNS Threshold
Blanking
Time
ISNS
RCIN
Normal
Operation
Normal
Operation
OC Fault
tDLY
CRCIN VRCIN+
IRCIN
-----------------------------------------
=
Where:
CRCIN = External capacitance on the RCIN pin
IRCIN = RCIN pin current source
(typically 0.44 µA)
VRCIN+ = Internal comparator threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com