Electronic Components Datasheet Search
  English  ▼

X  

MIC4609 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 15Page - Microchip Technology MIC4609 Datasheet HTML 16Page - Microchip Technology MIC4609 Datasheet HTML 17Page - Microchip Technology MIC4609 Datasheet HTML 18Page - Microchip Technology MIC4609 Datasheet HTML 19Page - Microchip Technology MIC4609 Datasheet HTML 20Page - Microchip Technology MIC4609 Datasheet HTML 21Page - Microchip Technology MIC4609 Datasheet HTML 22Page - Microchip Technology MIC4609 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005531A-page 19
MIC4609
4.5
Dead Time and
Anti-Shoot-Through Protection
Shoot-through occurs when both the high and low-side
IGBTs/MOSFETs of a particular phase are ON at the
same time. The inputs of each phase use
anti-shoot-through circuitry to prevent this condition
from occurring. If both the HI and LI inputs of a phase
go high, both outputs (HO and LO) of that phase go low.
In addition to anti-shoot-through circuitry, a fixed
"dead-time" delay is added to the input-to-output
propagation delay. This allows the IGBTs/MOSFETs in
a particular phase to fully turn off before the other turns
on.
FIGURE 4-4:
Dead Time, Propagation Delay, and Rise/Fall-Time Diagram.
xLI
xLO
xHO
tD
tD
xHI
tR
tF
VIH
VIL
50%
10%
90%
tPW
10%
90%
50%
90%
tOFF
tON
10%
10%
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com