Electronic Components Datasheet Search
  English  ▼

X  

MIC4609 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 11Page - Microchip Technology MIC4609 Datasheet HTML 12Page - Microchip Technology MIC4609 Datasheet HTML 13Page - Microchip Technology MIC4609 Datasheet HTML 14Page - Microchip Technology MIC4609 Datasheet HTML 15Page - Microchip Technology MIC4609 Datasheet HTML 16Page - Microchip Technology MIC4609 Datasheet HTML 17Page - Microchip Technology MIC4609 Datasheet HTML 18Page - Microchip Technology MIC4609 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005531A-page 15
MIC4609
24
BHB
Power B-Phase High-Side Bootstrap Supply
External bootstrap capacitor is required.
Connect the bootstrap capacitor between this pin and BHS.
Connect to the anode of the external bootstrap diode.
26
AHS
—
A-Phase High-Side Drive Return Connection
Connect to the emitter or source of the external high-side power device.
Connect the bootstrap capacitor between this pin and the AHB pin.
27
AHO
OUT
A-Phase High-Side Drive Output
Connect to the gate of the external high-side power MOSFET or IGBT.
28
AHB
Power A-Phase High-Side Bootstrap Supply
External bootstrap capacitor is required.
Connect the bootstrap capacitor between this pin and AHS.
Connect to the anode of the external bootstrap diode.
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
SOICW-28LD
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com