Electronic Components Datasheet Search
  English  ▼

X  

MIC4609 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 19Page - Microchip Technology MIC4609 Datasheet HTML 20Page - Microchip Technology MIC4609 Datasheet HTML 21Page - Microchip Technology MIC4609 Datasheet HTML 22Page - Microchip Technology MIC4609 Datasheet HTML 23Page - Microchip Technology MIC4609 Datasheet HTML 24Page - Microchip Technology MIC4609 Datasheet HTML 25Page - Microchip Technology MIC4609 Datasheet HTML 26Page - Microchip Technology MIC4609 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005531A-page 23
MIC4609
5.0
APPLICATION INFORMATION
5.1
Bootstrap Circuit
The high-side gate drive cannot be operated
continuously (100% duty cycle). It must be periodically
turned off to refresh/recharge the bootstrap capacitor,
CB. There are two separate requirements to consider
when choosing the bootstrap capacitor value:
• IGBT or MOSFET gate charge
• Duration of the high-side switch on-time
The high-side bootstrap circuit for Phase A is illustrated
in Figure 5-1.
FIGURE 5-1:
MIC4609 – Bootstrap Circuit.
The bootstrap capacitor voltage drops each time it
delivers charge to turn on the IGBT. The voltage drop
depends on the gate charge required by the IGBT. Most
IGBT and MOSFET specifications contain gate charge
versus VGE or VGS voltage information or graphs.
Based on this information and a recommended
VHB of
0.1V to 0.5V, the minimum value of bootstrap
capacitance is calculated by applying Equation 5-1.
EQUATION 5-1:
After the high-side switch has turned on, the bootstrap
capacitor will continue to discharge due to leakage
currents in the bootstrap capacitor, the IGBT/MOSFET
gate-to-source and the driver (HS-pin-to-ground
leakage).
Typical leakage currents for the bootstrap capacitor
and IGBT/MOSFET are in the 100 nA range. The
MIC4609 HS-pin-to-driver leakage current is generally
higher with typical values in the 1 µA range (or higher
at high junction temperature and voltage). The
minimum value of bootstrap capacitor that prevents an
excessive drop in the gate drive voltage to the
high-side switch is calculated as per Equation 5-2.
EQUATION 5-2:
Resistors RHB and RCB can be used to reduce the peak
CB charge current or modify the high-side
IGBT/MOSFET turn-on time. This helps reduce noise
and EMI as well as ripple on the VDD pin.
The resistor in series with the HB pin, RHB, controls the
turn-on time of the high-side switch by limiting the
charge current into the gate.
Adding a resistor in series with capacitor CB will reduce
the peak charging current drawn through diode DBST. It
has some effect on slowing down the high-side switch
turn-on time, however, it is not as effective as resistor
RHB since charging current also comes from VDD until
the high-side switch starts to turn on and raise the
voltage on the HB node.
5.2
HS Node Clamp
A resistor/diode clamp between the switching node and
the HS pin is recommended to minimize large negative
glitches or pulses on the HS pin.
As shown in Figure 5-2, the high-side and low-side
IGBTs turn on and off to regulate motor speed. During
the on-time, when the high-side IGBT is conducting,
current flows into the motor. After the high-side IGBT
turns off, and before the low-side IGBT turns on, there
is a brief period of time (dead time) that prevents both
IGBTs from being ON at the same time. During the
dead time, current from the motor flows through the
diode in parallel with the low-side IGBT. Depending on
the diode characteristics (VF and turn-on time), the
motor current and circuit parasitics, the initial negative
voltage on the switch node can be several volts or
more.
Even though the HS pin is rated for negative voltage, it
is good practice to clamp the HS pin with a resistor and
diode to prevent excessive negative voltage from
damaging the driver. Depending on the application and
AHS
AHB
AHO
VDD
CB
ALO
AHI
ALI
COM
VIN
RG
RG
RHS
DCLAMP
DBST
CVDD
*RCB
*RHB
* Optional Components
Level
shift
CB
QGATE
V
HB
-----------------
Where:
QGATE = Total gate charge at VHB
VHB = Voltage drop at the HB pin
Where:
tON = Maximum ON-time of the high-side
switch
VHB = Voltage drop at the HB pin
Idischarge = Total discharge current at the HB pin
(capacitor, IGBT/MOSFET, and HB
pin)
CB
tON Idischarge
V
HB
-----------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com