Electronic Components Datasheet Search
  English  ▼

X  

MIC4609 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 21Page - Microchip Technology MIC4609 Datasheet HTML 22Page - Microchip Technology MIC4609 Datasheet HTML 23Page - Microchip Technology MIC4609 Datasheet HTML 24Page - Microchip Technology MIC4609 Datasheet HTML 25Page - Microchip Technology MIC4609 Datasheet HTML 26Page - Microchip Technology MIC4609 Datasheet HTML 27Page - Microchip Technology MIC4609 Datasheet HTML 28Page - Microchip Technology MIC4609 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005531A-page 25
MIC4609
The power dissipated by the resistive components of
the gate drive circuit during turn-on is calculated as
shown in Equation 5-3.
EQUATION 5-3:
The power dissipated by each of the internal gate
drivers (high-side or low-side) is equal to the ratio of
RON and ROFF to the external resistive losses in RG
and RG_INT.
Letting RON = ROFF, the power dissipated in the
individual driver output in the IC is calculated as shown
in Equation 5-4:
EQUATION 5-4:
The total power dissipated in the MIC4609, due to
switching, is equal to the sum of all six driver
dissipations.
5.3.3
SUPPLY CURRENT POWER
DISSIPATION
Power is dissipated in the MIC4609 even if nothing is
being driven. The supply current is drawn by the bias
for the internal circuitry, the level shifting circuitry, and
shoot-through current in the output drivers. The supply
current is proportional to the operating frequency and
the VDD and VHB voltages. Figures 2-9 and 2-10 show
how supply current varies with switching frequency and
supply voltage.
The power dissipated by the MIC4609 due to supply
current is calculated by applying Equation 5-5.
EQUATION 5-5:
5.3.4
TOTAL POWER DISSIPATION AND
THERMAL CONSIDERATIONS
Total power dissipation in the MIC4609 is equal to the
power dissipation caused by driving the external IGBTs
and the supply current. Equation 5-6 shows this
relation.
EQUATION 5-6:
The die temperature can be calculated after the total
power dissipation is determined as shown in
Equation 5-7.
EQUATION 5-7:
Where:
PDRIVER (1) = Average drive circuit power due to
switching
QG = Total gate charge at VGE
VGE = Gate-to-emitter voltage on the
IGBT
fS = Switching frequency of the gate
drive circuit
D (2) = Operating duty cycle of the driver
output
Note 1:
PDRIVER is the power dissipated by the
individual driver for one of the six gate
drive outputs.
2:
Operating duty cycle is the percentage of
time that particular driver output is
switching during one rotation of the
motor.
PDRIVER
QG VGE
fS
D
=
PDISS
PDRIVER
RON
RON RG RG_INT
++
-------------------------------------------------
=
PDISS_SUPPLY
VDD IDD V
HB
IHB
=
PDISS_TOTAL
PDISS_SUPPLY
PDISS_DRIVERS
+
=
TJ
TA PDISS_TOTAL JA
+
=
Where:
TA = Maximum ambient temperature (°C)
TJ = Junction temperature (°C)
PDISS_TOTAL = MIC4609 power dissipation (W)
JA = Thermal resistance from
junction-to-ambient air (°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com