Electronic Components Datasheet Search
  English  ▼

X  

PCF8811 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8811
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8811 Datasheet HTML 33Page - NXP Semiconductors PCF8811 Datasheet HTML 34Page - NXP Semiconductors PCF8811 Datasheet HTML 35Page - NXP Semiconductors PCF8811 Datasheet HTML 36Page - NXP Semiconductors PCF8811 Datasheet HTML 37Page - NXP Semiconductors PCF8811 Datasheet HTML 38Page - NXP Semiconductors PCF8811 Datasheet HTML 39Page - NXP Semiconductors PCF8811 Datasheet HTML 40Page - NXP Semiconductors PCF8811 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
2004 May 17
37
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
Table 19 Bias levels for MRA driving method
SYMBOL
BIAS VOLTAGES
DC SHIFTED BIAS VOLTAGES
F=Gmax
VLCD
FVLCD
V3_H
V2_H
V1_H
VC
0
1/2VLCD
V1_L
V2_L
V3_L
VSS
−FV
SS
p2
–
()
F
mm
N
–
–
----------------------------------
×
V
LCD
2
-------------
1
p2
–
()
mm
N
–
–
----------------------------------
+


×
p4
–
()
F
mm
N
–
–
----------------------------------
×
V
LCD
2
-------------
1
p4
–
()
mm
N
–
–
----------------------------------
+


×
p6
–
()
F
mm
N
–
–
----------------------------------
×
V
LCD
2
-------------
1
p6
–
()
mm
N
–
–
----------------------------------
+


×
p6
–
()
–
F
mm
N
–
–
----------------------------------
×
V
LCD
2
-------------
1
p6
–
()
mm
N
–
–
----------------------------------
–


×
p4
–
()
–
F
mm
N
–
–
----------------------------------
×
V
LCD
2
-------------
1
p4
–
()
mm
N
–
–
----------------------------------
–


×
p2
–
()
–
F
mm
N
–
–
----------------------------------
×
V
LCD
2
-------------
1
p2
–
()
mm
N
–
–
----------------------------------
–


×
The row voltages (F) are not necessarily larger then the
column voltages. This depends on the number of rows
which are selected, the multiplexibility and the value of p.
However, the PCF8811 is designed in such a way that the
maximum column voltages are always equal to the row
voltages. In Table 20 the VLCD and the different bias levels
are given for the PCF8811. The VLCD voltage is defined as:
(2)
Where F is defined in (1)
The bias system settings for different display modes are
given in Table 20. All bias levels can be calculated by
using the third column of Table 19 and the variables given
in Table 20. Programming of the bias levels is not
necessary in the PCF8811. The selection of the
appropriate bias level voltages for each display mode is
done automatically. Only the appropriate VLCD voltage
must be programmed according to equations (1) and (2)
for the display modes listed in Table 20.
The variables for calculating VLCD, when the icon row is
enabled, are given in Table 21. The icon row can only be
addressed in the extended command set.
The PCF8811 allows the value of p, for certain mux rates,
to be chosen manually.
This is only possible for the mux rates 1 : 64 and 1 : 80.
If other mux rates are chosen the PCF8811 determines
the optimum value of p. By setting the value of p manually
a compromise can be made between contrast and power
consumption with certain liquids for the high mux rates
1 : 64 and 1 : 80. However, care must be taken that the
liquid which is chosen ensures that the row voltages (F)
and the maximum column voltages are equal.
Table 20 Relationship between mux rates and bias
setting variables without icon row
V
LCD
2F
×
=
MUX RATE
N
m
p
1:16
16
25
2
1:24
24
49
2
1:32
32
81
2
1:40
40
49
4
1:48
48
64
4
1:56
56
81
4
1:64
64
64
8
1:72
72
81
8
1:80
80
81
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com