Electronic Components Datasheet Search
  English  ▼

X  

PCF8811 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # PCF8811
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button PCF8811 Datasheet HTML 65Page - NXP Semiconductors PCF8811 Datasheet HTML 66Page - NXP Semiconductors PCF8811 Datasheet HTML 67Page - NXP Semiconductors PCF8811 Datasheet HTML 68Page - NXP Semiconductors PCF8811 Datasheet HTML 69Page - NXP Semiconductors PCF8811 Datasheet HTML 70Page - NXP Semiconductors PCF8811 Datasheet HTML 71Page - NXP Semiconductors PCF8811 Datasheet HTML 72Page - NXP Semiconductors PCF8811 Datasheet HTML 73Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
2004 May 17
69
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
25 DEVICE PROTECTION DIAGRAM
handbook, full pagewidth
MGW770
VDD1
VDD1
VSS1
VSS2
VSS1
T3, T4,
VSS1*, VDD*
VSS1
VSS1
VDD1
OSC, RES, RD,
D/C, PS[2:0],
T1, T2, T5, E
VLCDOUT
VSS1
VLCDIN,
VLCDSENSE
VSS1
VDD2
VSS1
VSS2
VLCDIN
VSS1
VDD1
DB[7:0], SCLK,
SDATA, SDO, SA1,
SA0, R/W, WR
VSS1
VDD1
VSS1
VOTPPROG
VSS1
LCD
outputs
I2C-bus
pins
VDD3
VSS1
Fig.54 Device protection diagram.
For test purposes only:
The maximum forward current is 5 mA.
The maximum reverse voltage is 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com