Electronic Components Datasheet Search
  English  ▼

X  

PCF8811 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8811
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8811 Datasheet HTML 7Page - NXP Semiconductors PCF8811 Datasheet HTML 8Page - NXP Semiconductors PCF8811 Datasheet HTML 9Page - NXP Semiconductors PCF8811 Datasheet HTML 10Page - NXP Semiconductors PCF8811 Datasheet HTML 11Page - NXP Semiconductors PCF8811 Datasheet HTML 12Page - NXP Semiconductors PCF8811 Datasheet HTML 13Page - NXP Semiconductors PCF8811 Datasheet HTML 14Page - NXP Semiconductors PCF8811 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
2004 May 17
11
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
9.1.2
EXTENDED COMMAND SET
9.1.2.1
Horizontal/vertical addressing
Two different addressing modes are possible with the
extended command set: horizontal addressing mode and
vertical addressing mode.
In the horizontal addressing mode (V = 0) the X address
increments after each byte. After the last X address,
X wraps around to 0 and Y increments to address the next
row (see Fig.4). The number of columns (last X address)
after which the wrap around must occur can be
programmed. In Fig.4 it can be seen that the X address is
programmed to be 127, and the Y address is programmed
to be 9. With X max and Y max the X and Y addresses can
be programmed while the whole RAM is not being used.
In the vertical addressing mode (V = 1) the Y address
increments after each byte. After the last Y address
(Y = 9), Y wraps around to 0 and X increments to address
the next column (see Fig.5). The last Y address after which
Y wraps to 0 can be programmed. In Fig.5 it can be seen
that the X address is programmed to be 127, and the
Y address is programmed to be 9. With X max and Y max
the X and Y addresses can be programmed while the
whole RAM is not being used.
After the very last address the address pointers wrap
around to address X = 0 and Y = 0 in both horizontal and
vertical addressing modes.
handbook, full pagewidth
MGW736
01
2
128
129
130
256
257
258
384
385
386
512
513
514
640
641
642
0
9
0
127
X address
Y address
768
769
770
896
897
898
1024 1025 1026
1152 1153 1154
1279
Fig.4 Sequence of writing data bytes into RAM with horizontal addressing (V = 0) (extended command set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com