Electronic Components Datasheet Search
  English  ▼

X  

PCF8811 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8811
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8811 Datasheet HTML 26Page - NXP Semiconductors PCF8811 Datasheet HTML 27Page - NXP Semiconductors PCF8811 Datasheet HTML 28Page - NXP Semiconductors PCF8811 Datasheet HTML 29Page - NXP Semiconductors PCF8811 Datasheet HTML 30Page - NXP Semiconductors PCF8811 Datasheet HTML 31Page - NXP Semiconductors PCF8811 Datasheet HTML 32Page - NXP Semiconductors PCF8811 Datasheet HTML 33Page - NXP Semiconductors PCF8811 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
2004 May 17
30
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
Note
1. Partial displays can be selected in steps of 8 when the icon mode is not selected. When the icon mode is selected
partial displays can be selected in steps of 16. For example, without icons the available partial display sizes are 8,
16, 24, 32, 40, 48, 56, 64 or 72 lines. With icons there are 16, 32, 48 or 64 lines possible.
Table 7
Power control
Table 8
Power-Save Mode (PSM), OS, DON, DAL and E combinations; note 1
Notes
1. X = don’t care.
2. The DON bit can only be addressed after DAL is activated.
3. The DAL bit has priority over the E bit.
Table 9
Read status byte
Table 10 Device recognition; note 1
Note
1. This is the only default setting after reset, another setting can be selected with the ‘set partial display mode’
command.
PC[1:0]
DESCRIPTION
00
HVgen off
01
HVgen on
10
HVgen on
11
HVgen on
PSM
OS
DON
DAL
E
DESCRIPTION
0
0
X
X
X
oscillator off; HVgen disabled
0
1
X
0
X
oscillator on; HVgen enabled
0101
X
display off, ROW/COL at VSS; oscillator off; HVgen disabled; note 2
01100
normal display mode
01101
inverse display mode
0111
X
all pixels on; note 3
1
XXXX
power-save mode: display off; ROW/COL at VSS; oscillator off; HVgen disabled
BIT
DESCRIPTION
BUSY
if BUSY = 0 the chip is able to accept new commands
DON
same bit as in Table 4
RES
if RES = 1 a reset is in progress
MF[2:0]
device manufacturer ID
DS0
device recognition; see Table 10
DS0
DESCRIPTION
0
64 row driver
1
80 row driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com