Electronic Components Datasheet Search
  English  ▼

X  

PCF8811 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8811
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8811 Datasheet HTML 21Page - NXP Semiconductors PCF8811 Datasheet HTML 22Page - NXP Semiconductors PCF8811 Datasheet HTML 23Page - NXP Semiconductors PCF8811 Datasheet HTML 24Page - NXP Semiconductors PCF8811 Datasheet HTML 25Page - NXP Semiconductors PCF8811 Datasheet HTML 26Page - NXP Semiconductors PCF8811 Datasheet HTML 27Page - NXP Semiconductors PCF8811 Datasheet HTML 28Page - NXP Semiconductors PCF8811 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
2004 May 17
25
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
MSC618
8-bit Master code 00001xxx
A
tH
t1
S
Fs mode
Hs-mode
If P then
Fs mode
If Sr (dotted lines)
then Hs mode
16
7
8
9
6
7
8
9
1
1
2 to 5
2 to 5
2 to 5
67
89
SDAH
SCLH
SDAH
SCLH
tH
tFS
Sr
Sr P
n
× (8-bit DATA
+
A/A)
7-bit SLA
R/W
A
= MCS current source pull-up
= Rp resistor pull-up
Fig.27 Data transfer timing format in Hs-mode.
handbook, full pagewidth
MGW749
Sr 01111
S
A
0
S
A
1
0A
acknowledge
from PCF8811
acknowledge
from PCF8811
acknowledge
from PCF8811
acknowledge
from PCF8811
acknowledge
from PCF8811
1
control byte
A
data byte
data byte
n
≥ 0 bytes
1 byte
slave address
MSB . . . . . . . . . . . LSB
2n
≥ 0 bytes
A
Co
Co
0A
A P
control byte
D/C
D/C
R/W
Fig.28 Master transmits in Hs-mode to slave receiver; write mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com