Electronic Components Datasheet Search
  English  ▼

X  

PCF8811 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8811
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8811 Datasheet HTML 14Page - NXP Semiconductors PCF8811 Datasheet HTML 15Page - NXP Semiconductors PCF8811 Datasheet HTML 16Page - NXP Semiconductors PCF8811 Datasheet HTML 17Page - NXP Semiconductors PCF8811 Datasheet HTML 18Page - NXP Semiconductors PCF8811 Datasheet HTML 19Page - NXP Semiconductors PCF8811 Datasheet HTML 20Page - NXP Semiconductors PCF8811 Datasheet HTML 21Page - NXP Semiconductors PCF8811 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
2004 May 17
18
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
handbook, full pagewidth
RES
SCLK
SDATA
DB7 DB6 DB5 DB4
DB2
DB3
DB1 DB0
SDO
instruction
DB2
DB7 DB6 DB5
DB4 DB3
DB1 DB0
MGW748
read out data
SCE
Fig.16 Read mode SPI 3-line and 4-line.
11.2
Serial interface (3-line)
The serial interface is also a 3-line bidirectional interface
for communication between the microcontroller and the
LCD driver chip. The 3 lines are: SCE (chip enable), SCLK
(serial clock) and SDATA (serial data). The PCF8811 is
connected to the SDA of the microcontroller by two pins:
SDATA (data input) and SDO (data output) which are
connected together.
11.2.1
WRITE MODE
The write mode of the interface means that the
microcontroller writes commands and data to the
PCF8811. Each data packet contains a control bit (D/C)
and a transmission byte. If D/C is LOW, the following byte
is interpreted as a command byte. The command set is
given in Table 5. If D/C is HIGH, the following byte is
stored in the display data RAM. After every data byte the
address counter is incremented automatically. Figure 17
shows the general format of the write mode and the
definition of the transmission byte.
Any instruction can be sent in any order to the PCF8811;
the MSB is transmitted first. The serial interface is
initialized when SCE is HIGH. In this state, SCLK clock
pulses have no effect and no power is consumed by the
serial interface. A falling edge on SCE enables the serial
interface and indicates the start of data transmission.
Figures 18, 19 and 20 show the protocol of the write
mode:
• When SCE is HIGH, SCLK clocks are ignored; during
the HIGH time of SCE the serial interface is initialized
• SCLK must be LOW on the falling SCE edge (see
Fig.37)
• SDATA is sampled on the rising edge of SCLK
• D/C indicates, whether the byte is a command (D/C=0)
or RAM data (D/C = 1); it is sampled on the first rising
SCLK edge
• If SCE stays LOW after the last bit of a command/data
byte, the serial interface receives the D/C bit of the next
byte on the next rising edge of SCLK (see Fig.19)
• A reset pulse RES interrupts the transmission. The data
being written into the RAM may be corrupted. The
registers are cleared. If SCE is LOW after the rising
edge of RES, the serial interface is ready to receive the
D/C bit of a command/data byte (see Fig.20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com