Electronic Components Datasheet Search
  English  ▼

X  

PCF8811 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8811
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8811 Datasheet HTML 19Page - NXP Semiconductors PCF8811 Datasheet HTML 20Page - NXP Semiconductors PCF8811 Datasheet HTML 21Page - NXP Semiconductors PCF8811 Datasheet HTML 22Page - NXP Semiconductors PCF8811 Datasheet HTML 23Page - NXP Semiconductors PCF8811 Datasheet HTML 24Page - NXP Semiconductors PCF8811 Datasheet HTML 25Page - NXP Semiconductors PCF8811 Datasheet HTML 26Page - NXP Semiconductors PCF8811 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
2004 May 17
23
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
handbook, full pagewidth
MBC602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
SCL FROM
MASTER
Fig.25 Acknowledge on the I2C-bus.
12.2
I2C-bus Hs-mode protocol
The PCF8811 is a slave receiver/transmitter. If data is to
be read from the device, the SDAH pin must be connected,
otherwise SDAH may be unused.
Hs-mode can only commence after the following
conditions:
• START condition (S)
• 8-bit master code (00001XXX)
• Not-acknowledge bit (A).
The master code has two functions: it allows arbitration
and synchronization between competing masters at
F/S-mode speeds, resulting in one winner. The master
code also indicates the beginning of an Hs-mode transfer.
These conditions are illustrated in Figs 26 and 27.
As no device is allowed to acknowledge the master code,
the master code is followed by a not-acknowledge (A).
After this A bit, and the SCLH line has been pulled up to
a HIGH level, the active master switches to Hs-mode and
enables at tH the current-source pull-up circuit for the
SCLH signal (see Fig.27).
The active master will then send a repeated START
condition (Sr) followed by a 7-bit slave address with a R/W
bit, and receives an acknowledge bit (A) from the selected
slave.
After each acknowledge bit (A) or not-acknowledge bit (A)
the active master disables its current source pull-up circuit.
The active master re-enables its current source again
when all devices have been released and the SCLH signal
reaches a HIGH level. The rising of the SCLH signal is
done by a pull-up resistor and therefore is slower, the last
part of the SCLH rise time is speeded up because the
current source is enabled. Data transfer only switches
back to F/S mode after a STOP condition (P).
A write sequence after the Hs-mode is selected is
illustrated in Fig.28. The sequence is initiated with
a START condition (S) from the I2C-bus master which is
followed by the slave address. All slaves with the
corresponding address acknowledge in parallel, the
remainder will ignore the I2C-bus transfer.
After the acknowledgement cycle of a write (W), one or
more command words will follow which define the status of
the addressed slaves. A command word consists of
a control byte, which defines Co and D/C, plus a data byte
(see Fig.28 and Table 4).
The last control byte is tagged with a cleared MSB, the
continuation bit Co. The control and data bytes are also
acknowledged by all addressed slaves on the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com