Electronic Components Datasheet Search
  English  ▼

X  

PCF8811 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8811
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8811 Datasheet HTML 25Page - NXP Semiconductors PCF8811 Datasheet HTML 26Page - NXP Semiconductors PCF8811 Datasheet HTML 27Page - NXP Semiconductors PCF8811 Datasheet HTML 28Page - NXP Semiconductors PCF8811 Datasheet HTML 29Page - NXP Semiconductors PCF8811 Datasheet HTML 30Page - NXP Semiconductors PCF8811 Datasheet HTML 31Page - NXP Semiconductors PCF8811 Datasheet HTML 32Page - NXP Semiconductors PCF8811 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
2004 May 17
29
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
Notes
1. X = don’t care.
2. Philips strongly recommends that the extended
command set be used.
3. D7 = MSB.
4. Commands only available with the extended
command set, EXT = 1. If EXT = 0 these commands
have no effect.
5. When icon mode is enabled the set initial display line
is 0
≤ L ≤ 78.
6. When icon mode is enabled the set initial row is
0
≤ C ≤ 78.
7. Commands only used for the basic command set,
EXT = 0. If EXT = 1 these commands have no effect.
Care should be taken when setting VOP in the basic
command set, it must be followed by another
command.
8. The programming of VOP in the basic command set
must be done in the following order:
a) VPR[5:0]
b) VOFF[2:0]
c) Must be followed by another command.
9. One fixed TC is set automatically if the basic
command set is used.
10. Bias system settings which can be received when the
chip is used as replacement of Alth and Pleskho
driving method (NOP).
11. Only for mux rates 1 : 64 and 1 : 80 the number of
simultaneous rows can be manually set to p = 4.
13.1
Explanation of the symbols
13.1.1
COMMON INSTRUCTIONS OF THE BASIC AND EXTENDED COMMAND SET
Table 6
Explanation of the symbols
BIT
LOGIC 0
LOGIC 1
RESET STATE
DON
display off
display on
0
E
normal display
inverse video mode
0
DAL
normal display
all pixels on
0
MX
no X mirroring
X mirroring
0
MY
no Y mirroring
Y mirroring
0
OC
stop frame frequency
calibration
start frame frequency calibration 0
OS
internal oscillator off
start internal oscillator
0
X[6:0]
sets X address (column) for writing in the RAM
0000000
Y[3:0]
sets Y address (bank) for writing in the RAM
0000
Xmax[6:0]
set wrap around X address (column)
1111111
Ymax[3:0]
set wrap around Y address (bank)
1001
L[6:0]
sets line address of the display RAM to be displayed on the initial
ROW 0
0000000
C[6:0]
sets the initial ROW 0 of the display; this command cannot
access the icon driver row ROW 80; if icon row is enabled
0000000
P[6:0]
partial display mode 1 : 16 to 1 : 80; note 1
1010000 (1 : 80)/1000000
(1 : 64)
PC[1:0]
switch HV generator on/off
00
S[1:0]
charge pump multiplication factor
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com