Electronic Components Datasheet Search
  English  ▼

X  

PCF8811 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF8811
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF8811 Datasheet HTML 37Page - NXP Semiconductors PCF8811 Datasheet HTML 38Page - NXP Semiconductors PCF8811 Datasheet HTML 39Page - NXP Semiconductors PCF8811 Datasheet HTML 40Page - NXP Semiconductors PCF8811 Datasheet HTML 41Page - NXP Semiconductors PCF8811 Datasheet HTML 42Page - NXP Semiconductors PCF8811 Datasheet HTML 43Page - NXP Semiconductors PCF8811 Datasheet HTML 44Page - NXP Semiconductors PCF8811 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
2004 May 17
41
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
14 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); notes 1 and 2.
Notes
1. Stresses above those listed under limiting values may cause permanent damage to the device.
2. Parameters are valid over operating temperature range unless otherwise specified. All voltages are referenced to
VSS unless otherwise specified.
15 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD1
general supply voltage
−0.5
+6.5
V
VDD2,
VDD3
supply voltage for the internal voltage generator
−0.5
+4.5
V
VLCD
LCD supply voltage
−0.5
+10.0
V
Vi
all input voltages
−0.5
VDD1 + 0.5 V
ISS
ground supply current
−50
+50
mA
Ii, Io
DC input or output current
−10
+10
mA
Ptot
total power dissipation
−
300
mW
Pout
power dissipation per output
−
30
mW
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com