Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB3 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
MULTI-FUNCTION TIMER
MOTOROLA
REV 1
8-3
Figure 8-2. Timer Counter Register
8.3.2 Timer Control/Status Register (TCSR) $08
The TCSR contains the timer interrupt flag bits, the timer interrupt enable bits, and
the real time interrupt rate select bits. Bit 2 and bit 3 are write-only bits which will
read as logical zeros. Figure 8-3 shows the value of each bit in the TCSR follow-
ing reset.
Figure 8-3. Timer Control/Status Register (TCSR)
RT0, RT1 — Real-Time Interrupt period select bits
These two bits select the Real-Time Interrupt period and the COP Watchdog
reset period.
RTIFR — Real Time Interrupt Acknowledge
The RTIFR is an acknowledge bit that resets the RTIF flag bit. This bit is unaf-
fected by reset. Reading the RTIFR will always return a logical zero.
1 =
Clears the RTIF flag bit.
0 =
Does not clear the RTIF flag bit.
CTOFR — Timer Overflow Acknowledge
The CTOFR is an acknowledge bit that resets the CTOF flag bit. This bit is
unaffected by reset. Reading the CTOFR will always return a logical zero.
1 =
Clears the CTOF flag bit.
0 =
Does not clear the CTOF flag bit.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TCNT
R
TMR7
TMR6
TMR5
TMR4
TMR3
TMR2
TMR1
TMR0
$0009
W
reset:
00000000
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TCSR
R
CTOF
RTIF
CTOFE
RTIE
00
RT1
RT0
$0008
W
CTOFR
RTIFR
reset:
00000011
Table 8-1. RTI and COP Rates at fOP=3.0MHz
Bus Frequency, fBUS=fOP=3.0 MHz
RT1
RT0
Divide Ratio
RTI Rate
COP Reset Period
(RTI
× 8)
00
214
5.46ms
43.68ms
01
215
10.92ms
87.36ms
10
216
21.85ms
174.8ms
11
217
43.69ms
349.52ms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com