Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB3 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
GENERAL DESCRIPTION
MOTOROLA
REV 1
1-3
Figure 1-1. MC68HC05JB3 Block Diagram
144 Bytes RAM
2560 Bytes EPROM
Low Speed
USB
16-bit Timer
Core
TImer
OSC
÷2
RESET
and
IRQ
LVR
VREF
POWER
SUPPLY
CPU CONTROL
ALU
68HC05 CPU
ACCUM
INDEX REG.
CPU REGISTERS
PROGRAM COUNTER
COND CODE REG.
0
0
0
0
000
11 STK PNTR
0
111H I N Z C
PA0x
PA1x
PA2x
PA3x
PA4y
PA5y
PA6y
PA7y
VDD
VSS
3.3V
RESET
IRQ
TCAPŽ
D+
D–
OSC1
OSC2
y: 8mA current sink capability and optical interface
: 25mA current sink, open-drained
x: External edge interrupt capability,
with internal pull-up, slow transition O/P
Ž: PB0 is shared with TCAP
with Schmitt trigger input and optical interface
PB0Ž
PB1
PB2
PB4
PB5
PB6
PB7
PC0
†
PC1
PC2
PC3
: Pins available in 28-pin package only
†: PC0 shared with OCMP
OCMP
†
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com