Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB3 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
MULTI-FUNCTION TIMER
MC68HC05JB3
8-4
REV 1
RTIE — Real Time Interrupt Enable
The RTIE is an enable bit that allows generation of a TIMER Interrupt by the
RTIF bit.
1 =
When set, the TIMER Interrupt is generated when the RTIF flag bit is
set.
0 =
When cleared, no TIMER interrupt caused by RTIF bit set will be
generated. This bit is cleared by reset.
CTOFE — Timer Overflow Enable
The CTOFE is an enable bit that allows generation of a TIMER Interrupt upon
overflow of the Timer Counter Register.
1 =
When set, the TIMER Interrupt is generated when the CTOF flag bit
is set.
0 =
When cleared, no TIMER interrupt caused by CTOF bit set will be
generated. This bit is cleared by reset.
RTIF — Real Time Interrupt Flag
The RTIF is a read-only flag bit.
1 =
Set when the output of the chosen (1 of 4 selections) Real Time
Interrupt stage goes active. A TIMER Interrupt request will be
generated if RTIE is also set.
0 =
Reset by writing a logical one to the RTIF acknowledge bit, RTIFR.
Writing to the RTIF flag bit has no effect on its value. This bit is
cleared by reset.
CTOF — Timer Overflow Flag
The CTOF is a read-only flag bit.
1 =
Set when the 8-bit ripple counter rolls over from $FF to $00. A
TIMER Interrupt request will be generated if CTOFE is also set.
0 =
Reset by writing a logical one to the CTOF acknowledge bit,
CTOFR. Writing to the CTOF flag bit has no effect on its value. This
bit is cleared by reset.
8.4
OPERATION DURING STOP MODE
When STOP is exited by an external interrupt or an LVR reset or an external
RESET, the internal oscillator will resume, followed by a 224 or 4064 internal pro-
cessor oscillator stabilization delay.
8.5
COP CONSIDERATION DURING STOP MODE
In STOP mode, the clock to the Watchdog Timer is stopped and is therefore
impossible to generate COP reset when in STOP mode. The COP function will
resume 224 or 4064 cycles after exiting from STOP.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com