Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 140 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 140 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 136Page - Texas Instruments PCI6621 Datasheet HTML 137Page - Texas Instruments PCI6621 Datasheet HTML 138Page - Texas Instruments PCI6621 Datasheet HTML 139Page - Texas Instruments PCI6621 Datasheet HTML 140Page - Texas Instruments PCI6621 Datasheet HTML 141Page - Texas Instruments PCI6621 Datasheet HTML 142Page - Texas Instruments PCI6621 Datasheet HTML 143Page - Texas Instruments PCI6621 Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 204 page
background image
6−4
6.3
Socket Present State Register
This register reports information about the socket interface. Writes to the socket force event register (offset 0Ch, see
Section 6.4), as well as general socket interface status, are reflected here. Information about PC Card VCC support
and card type is only updated at each insertion. Also note that the PCI6x21/PCI6x11 controller uses the CCD1 and
CCD2 signals during card identification, and changes on these signals during this operation are not reflected in this
register.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Socket present state
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Socket present state
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
X
0
0
0
X
X
X
Register:
Socket present state
Offset:
CardBus Socket Address + 08h
Type:
Read-only
Default:
3000 00XXh
Table 6−4. Socket Present State Register Description
BIT
SIGNAL
TYPE
FUNCTION
31
YVSOCKET
R
YV socket. This bit indicates whether or not the socket can supply VCC = Y.Y V to PC Cards. The
PCI6x21/PCI6x11 controller does not support Y.Y-V VCC; therefore, this bit is always reset unless
overridden by the socket force event register (offset 0Ch, see Section 6.4). This bit defaults to 0.
30
XVSOCKET
R
XV socket. This bit indicates whether or not the socket can supply VCC = X.X V to PC Cards. The
PCI6x21/PCI6x11 controller does not support X.X-V VCC; therefore, this bit is always reset unless
overridden by the socket force event register (offset 0Ch, see Section 6.4). This bit defaults to 0.
29
3VSOCKET
R
3-V socket. This bit indicates whether or not the socket can supply VCC = 3.3 Vdc to PC Cards. The
PCI6x21/PCI6x11 controller does support 3.3-V VCC; therefore, this bit is always set unless overridden
by the socket force event register (offset 0Ch, see Section 6.4).
28
5VSOCKET
R
5-V socket. This bit indicates whether or not the socket can supply VCC = 5 Vdc to PC Cards. The
PCI6x21/PCI6x11 controller does support 5-V VCC; therefore, this bit is always set unless overridden
by bit 6 of the device control register (PCI offset 92h, see Section 4.39).
27−14
RSVD
R
These bits return 0s when read.
13 †
YVCARD
R
YV card. This bit indicates whether or not the PC Card inserted in the socket supports VCC = Y.Y Vdc.
This bit can be set by writing a 1 to the corresponding bit in the socket force event register (offset 0Ch,
see Section 6.4).
12 †
XVCARD
R
XV card. This bit indicates whether or not the PC Card inserted in the socket supports VCC = X.X Vdc.
This bit can be set by writing a 1 to the corresponding bit in the socket force event register (offset 0Ch,
see Section 6.4).
11 †
3VCARD
R
3-V card. This bit indicates whether or not the PC Card inserted in the socket supports VCC = 3.3 Vdc.
This bit can be set by writing a 1 to the corresponding bit in the socket force event register (offset 0Ch,
see Section 6.4).
10 †
5VCARD
R
5-V card. This bit indicates whether or not the PC Card inserted in the socket supports VCC = 5 Vdc.
This bit can be set by writing a 1 to the corresponding bit in the socket force event register (offset 0Ch,
see Section 6.4).
† One or more bits in the register are PME context bits and can be cleared only by the assertion of GRST when PME is enabled. If PME is not
enabled, then these bits are cleared by the assertion of PRST or GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com