Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 184 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 184 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 180Page - Texas Instruments PCI6621 Datasheet HTML 181Page - Texas Instruments PCI6621 Datasheet HTML 182Page - Texas Instruments PCI6621 Datasheet HTML 183Page - Texas Instruments PCI6621 Datasheet HTML 184Page - Texas Instruments PCI6621 Datasheet HTML 185Page - Texas Instruments PCI6621 Datasheet HTML 186Page - Texas Instruments PCI6621 Datasheet HTML 187Page - Texas Instruments PCI6621 Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 204 page
background image
9−6
9.7
Header Type and BIST Register
The header type and built-in self-test (BIST) register indicates the Smart Card controller PCI header type and no
built-in self-test. See Table 9−6 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Header type and BIST
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
x
0
0
0
0
0
0
0
Register:
Header type and BIST
Offset:
0Eh
Type:
Read-only
Default:
00x0h
Table 9−6. Header Type and BIST Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15−8
BIST
R
Built-in self-test. The Smart Card controller does not include a BIST; therefore, this field returns 00h
when read.
7−0
HEADER_TYPE
R
PCI header type. The Smart Card controller includes the standard PCI header. Bit 7 indicates if the Smart
Card is a multifunction device.
9.8
Smart Card Base Address Register 0
This register is used by this function to determine where to forward a memory transaction to the Smart Card global
control register set. Bits 31−12 of this register are read/write and allow the base address to be located anywhere in
the 32-bit PCI memory space on 4-Kbyte boundary. The window size is always 4K bytes. Bits 11−0 are read-only and
always return 0s. Write transactions to these bits have no effect. Bit 3 (0b) specifies that this window is
nonprefetchable. Bits 2−1 (00b) specify that this memory window can allocate anywhere in the 32-bit address space.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Smart Card base address register 0
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Smart Card base address register 0
Type
RW
RW
RW
RW
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Smart Card base address register 0
Offset:
10h
Type:
Read/Write, Read-only
Default:
0000 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com