Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 181 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 181 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 177Page - Texas Instruments PCI6621 Datasheet HTML 178Page - Texas Instruments PCI6621 Datasheet HTML 179Page - Texas Instruments PCI6621 Datasheet HTML 180Page - Texas Instruments PCI6621 Datasheet HTML 181Page - Texas Instruments PCI6621 Datasheet HTML 182Page - Texas Instruments PCI6621 Datasheet HTML 183Page - Texas Instruments PCI6621 Datasheet HTML 184Page - Texas Instruments PCI6621 Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 204 page
background image
9−3
9.3
Command Register
The command register provides control over the Smart Card controller interface to the PCI bus. All bit functions
adhere to the definitions in the PCI Local Bus Specification, as seen in the following bit descriptions. The SERR_EN
and PERR_EN enable bits in this register are internally wired-OR between other functions, and these control bits
appear separately according to their software function. See Table 9−2 for a complete description of the register
contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Command
Type
R
R
R
R
R
RW
R
RW
R
RW
R
R
R
R
RW
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Command
Offset:
04h
Type:
Read/Write, Read-only
Default:
0000h
Table 9−2. Command Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15−11
RSVD
R
Reserved. Bits 15−11 return 0s when read.
10
INT_DIS
RW
INTx disable. When set to 1, this bit disables the function from asserting interrupts on the INTx signals.
0 = INTx assertion is enabled (default)
1 = INTx assertion is disabled
9
FBB_EN
R
Fast back-to-back enable. The Smart Card interface does not generate fast back-to-back transactions;
therefore, bit 9 returns 0 when read.
8
SER_EN
RW
System error (SERR) enable. Bit 8 controls the enable for the SERR driver on the PCI interface. SERR
can be asserted after detecting an address parity error on the PCI bus. Both bits 8 and 6 (PERR_EN)
must be set for this function to report address parity errors.
0 = Disable SERR output driver (default)
1 = Enable SERR output driver
7
RSVD
R
Reserved. Bit 7 returns 0 when read.
6
PERR_EN
RW
Parity error response enable. Bit 6 controls this function response to parity errors through PERR. Data
parity errors are indicated by asserting PERR, whereas address parity errors are indicated by
asserting SERR.
0 = This function ignores detected parity error (default)
1 = This function responds to detected parity errors
5
VGA_EN
R
VGA palette snoop enable. The Smart Card interface does not feature VGA palette snooping;
therefore, bit 5 returns 0 when read.
4
MWI_EN
R
Memory write and invalidate enable. The Smart Card controller does not generate memory write
invalidate transactions; therefore, bit 4 returns 0 when read.
3
SPECIAL
R
Special cycle enable. The Smart Card interface does not respond to special cycle transactions;
therefore, bit 3 returns 0 when read.
2
MAST_EN
R
Bus master enable. This function is target only.
1
MEM_EN
RW
Memory space enable. This bit controls memory access.
0 = Disables this function from responding to memory space accesses (default)
1 = Enables this function to respond to memory space accesses
0
IO_EN
R
I/O space enable. The Smart Card interface does not implement any I/O-mapped functionality;
therefore, bit 0 returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com