Electronic Components Datasheet Search
  English  ▼

X  

PCI6421 Datasheet(PDF) 102 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 102 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 98Page - Texas Instruments PCI6421 Datasheet HTML 99Page - Texas Instruments PCI6421 Datasheet HTML 100Page - Texas Instruments PCI6421 Datasheet HTML 101Page - Texas Instruments PCI6421 Datasheet HTML 102Page - Texas Instruments PCI6421 Datasheet HTML 103Page - Texas Instruments PCI6421 Datasheet HTML 104Page - Texas Instruments PCI6421 Datasheet HTML 105Page - Texas Instruments PCI6421 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 204 page
background image
4−26
Table 4−14. Multifunction Routing Status Register Description (Continued)
BIT
SIGNAL
TYPE
FUNCTION
7−4 ‡
MFUNC1
RW
Multifunction terminal 1 configuration. These bits control the internal signal mapped to the MFUNC1 terminal
as follows:
0000 = GPI1
0100 = OHCI_LED 1000 = CAUDPWM
1100 = LEDA1
0001 = GPO1
0101 = IRQ5
1001 = IRQ9
1101 = LEDA2
0010 = INTB
0110 = RSVD
1010 = IRQ10
1110 = GPE
0011 = IRQ3
0111 = RSVD
1011 = IRQ11
1111 = IRQ15
3−0 ‡
MFUNC0
RW
Multifunction terminal 0 configuration. These bits control the internal signal mapped to the MFUNC0 terminal
as follows:
0000 = GPI0
0100 = IRQ4
1000 = CAUDPWM
1100 = LEDA1
0001 = GPO0
0101 = IRQ5
1001 = IRQ9
1101 = LEDA2
0010 = INTA
0110 = RSVD
1010 = IRQ10
1110 = GPE
0011 = IRQ3
0111 = RSVD
1011 = IRQ11
1111 = IRQ15
‡ One or more bits in this register are cleared only by the assertion of GRST.
4.37 Retry Status Register
The contents of the retry status register enable the retry time-out counters and display the retry expiration status. The
flags are set when the PCI6x21/PCI6x11 controller, as a master, receives a retry and does not retry the request within
215 clock cycles. The flags are cleared by writing a 1 to the bit. Access this register only through function 0. See
Table 4−15 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Retry status
Type
RW
RW
RC
R
RC
R
RC
R
Default
1
1
0
0
0
0
0
0
Register:
Retry status
Offset:
90h (Functions 0, 1)
Type:
Read-only, Read/Write, Read/Clear
Default:
C0h
Table 4−15. Retry Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
7 ‡
PCIRETRY
RW
PCI retry time-out counter enable. This bit is encoded as:
0 = PCI retry counter disabled
1 = PCI retry counter enabled (default)
6 ‡§
CBRETRY
RW
CardBus retry time-out counter enable. This bit is encoded as:
0 = CardBus retry counter disabled
1 = CardBus retry counter enabled (default)
5 ‡
TEXP_CBB
RC
CardBus target B retry expired. Write a 1 to clear this bit.
0 = Inactive (default)
1 = Retry has expired.
4
RSVD
R
Reserved. This bit returns 0 when read.
3 ‡§
TEXP_CBA
RC
CardBus target A retry expired. Write a 1 to clear this bit.
0 = Inactive (default)
1 = Retry has expired.
2
RSVD
R
Reserved. This bit returns 0 when read.
1 ‡
TEXP_PCI
RC
PCI target retry expired. Write a 1 to clear this bit.
0 = Inactive (default)
1 = Retry has expired.
0
RSVD
R
Reserved. This bit returns 0 when read.
‡ One or more bits in this register are cleared only by the assertion of GRST.
§ These bits are global in nature and must be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com