Electronic Components Datasheet Search
  English  ▼

X  

PCI6421 Datasheet(PDF) 105 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 105 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 101Page - Texas Instruments PCI6421 Datasheet HTML 102Page - Texas Instruments PCI6421 Datasheet HTML 103Page - Texas Instruments PCI6421 Datasheet HTML 104Page - Texas Instruments PCI6421 Datasheet HTML 105Page - Texas Instruments PCI6421 Datasheet HTML 106Page - Texas Instruments PCI6421 Datasheet HTML 107Page - Texas Instruments PCI6421 Datasheet HTML 108Page - Texas Instruments PCI6421 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 204 page
background image
4−29
4.40 Diagnostic Register
The diagnostic register is provided for internal TI test purposes. It is a read/write register, but only 0s must be written
to it. See Table 4−18 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Diagnostic
Type
RW
R
RW
RW
RW
RW
RW
RW
Default
0
1
1
0
0
0
0
0
Register:
Diagnostic
Offset:
93h (functions 0, 1)
Type:
Read/Write
Default:
60h
Table 4−18. Diagnostic Register Description
BIT
SIGNAL
TYPE
FUNCTION
7 ‡§
TRUE_VAL
RW
This bit defaults to 0. This bit is encoded as:
0 = Reads true values in PCI vendor ID and PCI device ID registers (default)
1 = Returns all 1s to reads from the PCI vendor ID and PCI device ID registers
6 ‡
RSVD
R
Reserved. This bit is read-only and returns 1 when read.
5 ‡
CSC
RW
CSC interrupt routing control
0 = CSC interrupts routed to PCI if ExCA 803 bit 4 = 1
1 = CSC interrupts routed to PCI if ExCA 805 bits 7−4 = 0000b (default).
In this case, the setting of ExCA 803 bit 4 is a don’t care.
4 ‡§
DIAG4
RW
Diagnostic RETRY_DIS. Delayed transaction disable.
3 ‡§
DIAG3
RW
Diagnostic RETRY_EXT. Extends the latency from 16 to 64.
2 ‡§
DIAG2
RW
Diagnostic DISCARD_TIM_SEL_CB. Set = 210, reset = 215.
1 ‡§
DIAG1
RW
Diagnostic DISCARD_TIM_SEL_PCI. Set = 210, reset = 215.
0 ‡
RSVD
RW
These bits are reserved. Do not change the value of these bits.
‡ One or more bits in this register are cleared only by the assertion of GRST.
§ This bit is global and is accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com