Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112-MW Datasheet(PDF) 17 Page - SMSC Corporation

Part # LPC47M112-MW
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112-MW Datasheet(HTML) 17 Page - SMSC Corporation

Back Button LPC47M112-MW Datasheet HTML 13Page - SMSC Corporation LPC47M112-MW Datasheet HTML 14Page - SMSC Corporation LPC47M112-MW Datasheet HTML 15Page - SMSC Corporation LPC47M112-MW Datasheet HTML 16Page - SMSC Corporation LPC47M112-MW Datasheet HTML 17Page - SMSC Corporation LPC47M112-MW Datasheet HTML 18Page - SMSC Corporation LPC47M112-MW Datasheet HTML 19Page - SMSC Corporation LPC47M112-MW Datasheet HTML 20Page - SMSC Corporation LPC47M112-MW Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 17
Rev. 02/02/2005
DATASHEET
6
3 VOLT OPERATION / 5 VOLT TOLERANCE
The LPC47M112 is a 3.3 Volt part. It is intended solely for 3.3V applications. Non-LPC bus pins are 5V tolerant; that
is, the input voltage is 5.5V max, and the I/O buffer output pads are backdrive protected.
The LPC interface pins are 3.3 Volt only. These signals meet PCI DC specifications for 3.3V signaling. These pins
are:
LAD[3:0]
nLFRAME
nLDRQ
nLPCPD
The input voltage for all other pins is 5.5V max. These pins include all non-LPC Bus pins and the following pins:
nPCI_RESET
PCI_CLK
SER_IRQ
nIO_PME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com