Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112-MW Datasheet(PDF) 72 Page - SMSC Corporation

Part # LPC47M112-MW
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112-MW Datasheet(HTML) 72 Page - SMSC Corporation

Back Button LPC47M112-MW Datasheet HTML 68Page - SMSC Corporation LPC47M112-MW Datasheet HTML 69Page - SMSC Corporation LPC47M112-MW Datasheet HTML 70Page - SMSC Corporation LPC47M112-MW Datasheet HTML 71Page - SMSC Corporation LPC47M112-MW Datasheet HTML 72Page - SMSC Corporation LPC47M112-MW Datasheet HTML 73Page - SMSC Corporation LPC47M112-MW Datasheet HTML 74Page - SMSC Corporation LPC47M112-MW Datasheet HTML 75Page - SMSC Corporation LPC47M112-MW Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 72
Rev. 02/02/2005
-
The most recent serial character received was longer than 4 continuous character times ago. (If 2 stop bits are
programmed, the second one is included in this time delay).
-
The most recent CPU read of the FIFO was longer than 4 continuous character times ago.
This will cause a maximum character received to interrupt issued delay of 160 msec at 300 BAUD with a 12 bit
character.
B. Character times are calculated by using the RCLK input for a clock signal (this makes the delay proportional to the
baudrate).
C. When a timeout interrupt has occurred it is cleared and the timer reset when the CPU reads one character from the
RCVR FIFO.
D. When a timeout interrupt has not occurred the timeout timer is reset after a new character is received or after the
CPU reads the RCVR FIFO.
When the XMIT FIFO and transmitter interrupts are enabled (FCR bit 0 = "1", IER bit 1 = "1"), XMIT interrupts occur as
follows:
A. The transmitter holding register interrupt (02H) occurs when the XMIT FIFO is empty; it is cleared as soon as the
transmitter holding register is written to (1 of 16 characters may be written to the XMIT FIFO while servicing this
interrupt) or the IIR is read.
B. The transmitter FIFO empty indications will be delayed 1 character time minus the last stop bit time whenever the
following occurs: THRE=1 and there have not been at least two bytes at the same time in the transmitter FIFO since
the last THRE=1. The transmitter interrupt after changing FCR0 will be immediate, if it is enabled.
Character timeout and RCVR FIFO trigger level interrupts have the same priority as the current received data available
interrupt; XMIT FIFO empty has the same priority as the current transmitter holding register empty interrupt.
FIFO POLLED MODE OPERATION
With FCR bit 0 = "1" resetting IER bits 0, 1, 2 or 3 or all to zero puts the UART in the FIFO Polled Mode of operation.
Since the RCVR and XMITTER are controlled separately, either one or both can be in the polled mode of operation. In
this mode, the user's program will check RCVR and XMITTER status via the LSR. LSR definitions for the FIFO Polled
Mode are as follows:
Bit 0=1 as long as there is one byte in the RCVR FIFO.
Bits 1 to 4 specify which error(s) have occurred. Character error status is handled the same way as when in the
interrupt mode, the IIR is not affected since EIR bit 2=0.
Bit 5 indicates when the XMIT FIFO is empty.
Bit 6 indicates that both the XMIT FIFO and shift register are empty.
Bit 7 indicates whether there are any errors in the RCVR FIFO.
There is no trigger level reached or timeout condition indicated in the FIFO Polled Mode, however, the RCVR and XMIT
FIFOs are still fully capable of holding characters.
Table 30 - Baud Rates
DESIRED
BAUD RATE
DIVISOR USED TO
GENERATE 16X CLOCK
PERCENT ERROR DIFFERENCE
BETWEEN DESIRED AND ACTUAL
1
HIGH
SPEED BIT
2
50
2304
0.001
X
75
1536
-
X
110
1047
-
X
134.5
857
0.004
X
150
768
-
X
300
384
-
X
600
192
-
X
1200
96
-
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com