Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112-MW Datasheet(PDF) 37 Page - SMSC Corporation

Part # LPC47M112-MW
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112-MW Datasheet(HTML) 37 Page - SMSC Corporation

Back Button LPC47M112-MW Datasheet HTML 33Page - SMSC Corporation LPC47M112-MW Datasheet HTML 34Page - SMSC Corporation LPC47M112-MW Datasheet HTML 35Page - SMSC Corporation LPC47M112-MW Datasheet HTML 36Page - SMSC Corporation LPC47M112-MW Datasheet HTML 37Page - SMSC Corporation LPC47M112-MW Datasheet HTML 38Page - SMSC Corporation LPC47M112-MW Datasheet HTML 39Page - SMSC Corporation LPC47M112-MW Datasheet HTML 40Page - SMSC Corporation LPC47M112-MW Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 37
Rev. 02/02/2005
DATASHEET
PS/2 Model 30 Mode
BIT 0 and 1 DATA RATE SELECT 0 and 1
These bits determine the data rate of the floppy controller. See Table 8 for the appropriate values.
BIT 2 NO PRECOMPENSATION
This bit can be set by software, but it has no functionality. It can be read by bit 2 of the DSR when in Model 30 register
mode. Unaffected by software reset.
BIT 3 - 7 RESERVED
Should be set to a logical "0"
Table 9 shows the state of the DENSEL pin. The DENSEL pin is set high after a hardware reset and is unaffected by the
DOR and the DSR resets.
STATUS REGISTER ENCODING
During the Result Phase of certain commands, the Data Register contains data bytes that give the status of the
command just executed.
Table 12 - Status Register 0
BIT NO.
SYMBOL
NAME
DESCRIPTION
7,6
IC
Interrupt Code 00 - Normal termination of command. The specified
command was properly executed and completed without
error.
01 - Abnormal termination of command. Command
execution was started, but was not successfully
completed.
10 - Invalid command. The requested command could
not be executed.
11 - Abnormal termination caused by Polling.
5
SE
Seek End
The FDC completed a Seek, Relative Seek or
Recalibrate command (used during a Sense Interrupt
Command).
4
EC
Equipment
Check
The TRK0 pin failed to become a "1" after:
1. 80 step pulses in the Recalibrate command.
2. The Relative Seek command caused the FDC to
step outward beyond Track 0.
3
Unused. This bit is always "0".
2
H
Head Address The current head address.
1,0
DS1,0
Drive Select
The current selected drive.
7
6
5
4
3
2
1
0
NOPREC DRATE
SEL1
DRATE
SEL0
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com