Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112-MW Datasheet(PDF) 18 Page - SMSC Corporation

Part # LPC47M112-MW
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112-MW Datasheet(HTML) 18 Page - SMSC Corporation

Back Button LPC47M112-MW Datasheet HTML 14Page - SMSC Corporation LPC47M112-MW Datasheet HTML 15Page - SMSC Corporation LPC47M112-MW Datasheet HTML 16Page - SMSC Corporation LPC47M112-MW Datasheet HTML 17Page - SMSC Corporation LPC47M112-MW Datasheet HTML 18Page - SMSC Corporation LPC47M112-MW Datasheet HTML 19Page - SMSC Corporation LPC47M112-MW Datasheet HTML 20Page - SMSC Corporation LPC47M112-MW Datasheet HTML 21Page - SMSC Corporation LPC47M112-MW Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 18
Rev. 02/02/2005
DATASHEET
7
POWER FUNCTIONALITY
The LPC47M112 has three power planes: VCC, VTR and VREF.
7.1 VCC Power
The LPC47M112 is a 3.3 Volt part. The VCC supply is 3.3 Volts (nominal). See the Operational Description Section
and the Maximum Current Values sub-section.
7.2 VTR Support
The LPC47M112 requires a trickle supply (VTR) to provide sleep current for the programmable wake-up events in the
PME interface when VCC is removed. The VTR supply is 3.3 Volts (nominal). See the Operational Description
Section. The maximum VTR current that is required depends on the functions that are used in the part. See Trickle
Power Functionality and Maximum Current Values sub-sections. If the LPC47M112 is not intended to provide wake-
up capabilities on standby current, VTR can be connected to VCC. VTR powers the IR interface, the PME configuration
registers and the PME interface. The VTR pin generates a VTR Power-on-Reset signal to initialize these components.
Note: If VTR is to be used for programmable wake-up events when VCC is removed, VTR must be at its full minimum
potential at least 10
µs before Vcc begins a power-on cycle. When VTR and Vcc are fully powered, the potential
difference between the two supplies must not exceed 500mV.
7.3 Internal PWRGOOD
An internal PWRGOOD logical control is included to minimize the effects of pin-state uncertainty in the host interface
as Vcc cycles on and off. When the internal PWRGOOD signal is “1” (active), Vcc > 2.3V (nominal), and the
LPC47M112 host interface is active. When the internal PWRGOOD signal is “0” (inactive), Vcc ≤ 2.3V (nominal), and
the LPC47M112 host interface is inactive; that is, LPC bus reads and writes will not be decoded.
The LPC47M112 device pins nIO_PME, CLOCKI32, KDAT, MDAT, IRRX, nRI1, nRI2, RXD2 and most GPIOs (as
input) are part of the PME interface and remain active when the internal PWRGOOD signal has gone inactive,
provided VTR is powered. The IRTX2/GP35, GP53/TXD2(IRTX), GP60/LED1 and GP61/LED2 pins also remain
active when the internal PWRGOOD signal has gone inactive, provided VTR is powered. See Trickle Power
Functionality section. The internal PWRGOOD signal is also used to disable the IR Half Duplex Timeout.
7.4 32.768 kHz Trickle Clock Input
The LPC47M112 utilizes a 32.768 kHz trickle input to supply a clock signal for the fan tachometer logic, LED blink
and wake on specific key function. See the following section for more information.
7.5 Indication of 32kHz Clock
There is a bit to indicate whether or not the 32kHz clock input is connected to the LPC47M112. This bit is located at
bit 0 of the CLOCKI32 register at 0xF0 in Logical Device A. This register is powered by VTR and reset on a VTR
POR.
Bit[0] (CLK32_PRSN) is defined as follows:
0=32kHz clock is connected to the CLKI32 pin (default)
1=32kHz clock is not connected to the CLKI32 pin (pin is grounded).
Bit 0 controls the source of the 32kHz (nominal) clock for the fan tachometer logic, the LED blink logic and the “wake
on specific key” logic. When the external 32kHz clock is connected, that will be the source for the fan tachometer,
LED and “wake on specific key” logic. When the external 32kHz clock is not connected, an internal 32kHz clock
source will be derived from the 14MHz clock for the fan tachometer, LED and “wake on specific key” logic.
The following functions will not work under VTR power (VCC removed) if the external 32kHz clock is not connected.
These functions will work under VCC power even if the external 32kHz clock is not connected.
Wake on specific key
LED blink
Fan Tachometer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com