Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112-MW Datasheet(PDF) 65 Page - SMSC Corporation

Part # LPC47M112-MW
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112-MW Datasheet(HTML) 65 Page - SMSC Corporation

Back Button LPC47M112-MW Datasheet HTML 61Page - SMSC Corporation LPC47M112-MW Datasheet HTML 62Page - SMSC Corporation LPC47M112-MW Datasheet HTML 63Page - SMSC Corporation LPC47M112-MW Datasheet HTML 64Page - SMSC Corporation LPC47M112-MW Datasheet HTML 65Page - SMSC Corporation LPC47M112-MW Datasheet HTML 66Page - SMSC Corporation LPC47M112-MW Datasheet HTML 67Page - SMSC Corporation LPC47M112-MW Datasheet HTML 68Page - SMSC Corporation LPC47M112-MW Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 65
Rev. 02/02/2005
The lower four bits of this register control the enables of the five interrupt sources of the Serial Port interrupt. It is
possible to totally disable the interrupt system by resetting bits 0 through 3 of this register. Similarly, setting the
appropriate bits of this register to a high, selected interrupts can be enabled. Disabling the interrupt system inhibits the
Interrupt Identification Register and disables any Serial Port interrupt out of the LPC47M112. All other system functions
operate in their normal manner, including the Line Status and MODEM Status Registers. The contents of the Interrupt
Enable Register are described below.
Bit 0
This bit enables the Received Data Available Interrupt (and timeout interrupts in the FIFO mode) when set to logic "1".
Bit 1
This bit enables the Transmitter Holding Register Empty Interrupt when set to logic "1".
Bit 2
This bit enables the Received Line Status Interrupt when set to logic "1". The error sources causing the interrupt are
Overrun, Parity, Framing and Break. The Line Status Register must be read to determine the source.
Bit 3
This bit enables the MODEM Status Interrupt when set to logic "1". This is caused when one of the Modem Status
Register bits changes state.
Bits 4 through 7
These bits are always logic "0".
FIFO CONTROL REGISTER (FCR)
Address Offset = 2H, DLAB = X, WRITE
This is a write only register at the same location as the IIR. This register is used to enable and clear the FIFOs, set the
RCVR FIFO trigger level. Note: DMA is not supported. The UART1 and UART2 FCR’s are shadowed in the UART1
FIFO Control Shadow Register (runtime register at offset 0x20) and UART2 FIFO Control Shadow Register (runtime
register at offset 0x21).
Bit 0
Setting this bit to a logic "1" enables both the XMIT and RCVR FIFOs. Clearing this bit to a logic "0" disables both the
XMIT and RCVR FIFOs and clears all bytes from both FIFOs. When changing from FIFO Mode to non-FIFO (16450)
mode, data is automatically cleared from the FIFOs. This bit must be a 1 when other bits in this register are written to or
they will not be properly programmed.
Bit 1
Setting this bit to a logic "1" clears all bytes in the RCVR FIFO and resets its counter logic to 0. The shift register is not
cleared. This bit is self-clearing.
Bit 2
Setting this bit to a logic "1" clears all bytes in the XMIT FIFO and resets its counter logic to 0. The shift register is not
cleared. This bit is self-clearing.
Bit 3
Writing to this bit has no effect on the operation of the UART. The RXRDY and TXRDY pins are not available on this
chip.
Bit 4,5
Reserved
Bit 6,7
These bits are used to set the trigger level for the RCVR FIFO interrupt.
INTERRUPT IDENTIFICATION REGISTER (IIR)
Address Offset = 2H, DLAB = X, READ
By accessing this register, the host CPU can determine the highest priority interrupt and its source. Four levels of
priority interrupt exist. They are in descending order of priority:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com