Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112-MW Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47M112-MW
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112-MW Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47M112-MW Datasheet HTML 17Page - SMSC Corporation LPC47M112-MW Datasheet HTML 18Page - SMSC Corporation LPC47M112-MW Datasheet HTML 19Page - SMSC Corporation LPC47M112-MW Datasheet HTML 20Page - SMSC Corporation LPC47M112-MW Datasheet HTML 21Page - SMSC Corporation LPC47M112-MW Datasheet HTML 22Page - SMSC Corporation LPC47M112-MW Datasheet HTML 23Page - SMSC Corporation LPC47M112-MW Datasheet HTML 24Page - SMSC Corporation LPC47M112-MW Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 21
Rev. 02/02/2005
DATASHEET
8
FUNCTIONAL DESCRIPTION
8.1 Super I/O Registers
The address map, shown below in Table 1, shows the addresses of the different blocks of the Super I/O immediately
after power up. The base addresses of the FDC, serial and parallel ports, PME register block, Game port and
configuration register block can be moved via the configuration registers. Some addresses are used to access more
than one register.
8.2 Host Processor Interface (LPC)
The host processor communicates with the LPC47M112 through a series of read/write registers via the LPC interface.
The port addresses for these registers are shown in Table 1. Register access is accomplished through I/O cycles or
DMA transfers. All registers are 8 bits wide.
Table 1 - Super I/O Block Addresses
ADDRESS
BLOCK NAME
LOGICAL DEVICE
Base+(0-5) and +(7)
Floppy Disk
0
Base+(0-7)
Serial Port Com 1
4
Base1+(0-7)
Base2+(0-7)
Serial Port Com 2
5
Base+(0-3)
Base+(0-7)
Base+(0-3), +(400-402)
Base+(0-7), +(400-402)
Parallel Port
SPP
EPP
ECP
ECP+EPP+SPP
3
60, 64
KYBD
7
Base + 0
Game Port
9
Base + (0-5F)
Runtime Registers
A
Base + (0-7)
MPU-401
B
Base + (0-1)
Configuration
Note:
Refer to the configuration register descriptions for setting the base address.
8.3 LPC INTERFACE
The following sub-sections specify the implementation of the LPC bus.
8.3.1
LPC INTERFACE SIGNAL DEFINITION
The signals required for the LPC bus interface are described in the table below. LPC bus signals use PCI 33MHz
electrical signal characteristics.
SIGNAL NAME
TYPE
DESCRIPTION
LAD[3:0]
I/O
LPC address/data bus. Multiplexed command, address and data bus.
nLFRAME
Input
Frame signal. Indicates start of new cycle and termination of broken
cycle
nPCI_RESET
Input
PCI Reset.
Used as LPC Interface Reset. Same functionality as
RST_DRV but active low 3.3V.
nLDRQ
Output
Encoded DMA/Bus Master request for the LPC interface.
nIO_PME
OD
Power Mgt Event signal. Allows the LPC47M112 to request wakeup.
nLPCPD
Input
Powerdown Signal. Indicates that the LPC47M112 should prepare for
power to be shut on the LPC interface.
SER_IRQ
I/O
Serial IRQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com