Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112-MW Datasheet(PDF) 80 Page - SMSC Corporation

Part # LPC47M112-MW
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112-MW Datasheet(HTML) 80 Page - SMSC Corporation

Back Button LPC47M112-MW Datasheet HTML 76Page - SMSC Corporation LPC47M112-MW Datasheet HTML 77Page - SMSC Corporation LPC47M112-MW Datasheet HTML 78Page - SMSC Corporation LPC47M112-MW Datasheet HTML 79Page - SMSC Corporation LPC47M112-MW Datasheet HTML 80Page - SMSC Corporation LPC47M112-MW Datasheet HTML 81Page - SMSC Corporation LPC47M112-MW Datasheet HTML 82Page - SMSC Corporation LPC47M112-MW Datasheet HTML 83Page - SMSC Corporation LPC47M112-MW Datasheet HTML 84Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 80
Rev. 02/02/2005
16 STATUS PORT
The Status port is used to indicate the state of the transmit and receive buffers in the MIDI Data port. The Status port
is read-only (Table 35). Status port Bit 6 is MIDI Transmit Busy, Bit 7 is MIDI Receive Buffer Empty. The remaining
bits in the Status port are RESERVED.
Table 35 - MPU-401 Status Port
MPU-401 I/O BASE ADDRESS+1
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
TYPE
R
R
R
R
R
R
R
R
0x80
BIT
NAME
MIDI RX
BUFFE
R
EMPTY
MIDI TX
BUSY
0
0
0
0
0
0
Bit 7 – MIDI Receive Buffer Empty
Bit 7 MIDI Receive Buffer Empty indicates the read state of the MIDI Data port (Table 36). If the MRBE bit is ‘0’, MIDI
Read/Command Acknowledge data is available to the host.
If the MRBE bit is ‘1’, MIDI Read/Command
Acknowledge data is NOT available to the host.
The MPU-401 Interrupt output is active ‘1’ when the MIDI Receive Buffer Empty bit is ‘0’. The MPU-401 Interrupt
output is inactive ‘0’ when the MIDI Receive Buffer Empty bit is ‘1’. See Section “Interrupt” for more information.
Table 36 - MIDI Receive Buffer Empty Status Bit
STATUS PORT
D7
DESCRIPTION
0
MIDI Read/Command Acknowledge data is
available to the host.
1
MIDI Read/Command Acknowledge data is
NOT available to the host.
Bit 6 – MIDI Transmit Busy
Bit 6 MIDI Transmit Busy indicates the send (write) state of the MIDI Data port and Command port (Table 37).
There are no interrupts associated with MIDI transmit (write) data.
Table 37 - MIDI Transmit Busy Status Bit
STATUS PORT
DESCRIPTION
D6
0
The MPU-401 interface is ready to accept a
data/command byte from the host.
1
The MPU-401 interface is NOT ready to
accept a data/command byte from the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com