Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112-MW Datasheet(PDF) 35 Page - SMSC Corporation

Part # LPC47M112-MW
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112-MW Datasheet(HTML) 35 Page - SMSC Corporation

Back Button LPC47M112-MW Datasheet HTML 31Page - SMSC Corporation LPC47M112-MW Datasheet HTML 32Page - SMSC Corporation LPC47M112-MW Datasheet HTML 33Page - SMSC Corporation LPC47M112-MW Datasheet HTML 34Page - SMSC Corporation LPC47M112-MW Datasheet HTML 35Page - SMSC Corporation LPC47M112-MW Datasheet HTML 36Page - SMSC Corporation LPC47M112-MW Datasheet HTML 37Page - SMSC Corporation LPC47M112-MW Datasheet HTML 38Page - SMSC Corporation LPC47M112-MW Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 35
Rev. 02/02/2005
DATASHEET
Table 11 - FIFO Service Delay
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT
2 Mbps DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 4
µs - 1.5 µs = 2.5 µs
2 x 4
µs - 1.5 µs = 6.5 µs
8 x 4
µs - 1.5 µs = 30.5 µs
15 x 4
µs - 1.5 µs = 58.5 µs
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT
1 Mbps DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 8
µs - 1.5 µs = 6.5 µs
2 x 8
µs - 1.5 µs = 14.5 µs
8 x 8
µs - 1.5 µs = 62.5 µs
15 x 8
µs - 1.5 µs = 118.5 µs
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT
500 Kbps DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 16
µs - 1.5 µs = 14.5 µs
2 x 16
µs - 1.5 µs = 30.5 µs
8 x 16
µs - 1.5 µs = 126.5 µs
15 x 16
µs - 1.5 µs = 238.5 µs
DIGITAL INPUT REGISTER (DIR)
Address 3F7 READ ONLY
This register is read-only in all modes.
PC-AT Mode
BIT 0 - 6 UNDEFINED
The data bus outputs D0 - 6 are read as ‘0’.
BIT 7 DSKCHG
This bit monitors the pin of the same name and reflects the opposite value seen on the disk cable or the value
programmed in the Force Disk Change Register (see Runtime Register at offset 0x1E).
PS/2 Mode
7
6
5
4
3
2
1
0
DSK
CHG
0
0
0
0
0
0
0
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
7
6
5
4
3
2
1
0
DSK
CHG
1
1
1
1
DRATE
SEL1
DRATE
SEL0
nHIGH
nDENS
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com