Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112-MW Datasheet(PDF) 32 Page - SMSC Corporation

Part # LPC47M112-MW
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112-MW Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LPC47M112-MW Datasheet HTML 28Page - SMSC Corporation LPC47M112-MW Datasheet HTML 29Page - SMSC Corporation LPC47M112-MW Datasheet HTML 30Page - SMSC Corporation LPC47M112-MW Datasheet HTML 31Page - SMSC Corporation LPC47M112-MW Datasheet HTML 32Page - SMSC Corporation LPC47M112-MW Datasheet HTML 33Page - SMSC Corporation LPC47M112-MW Datasheet HTML 34Page - SMSC Corporation LPC47M112-MW Datasheet HTML 35Page - SMSC Corporation LPC47M112-MW Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 32
Rev. 02/02/2005
DATASHEET
BIT 0 and 1 DATA RATE SELECT
These bits control the data rate of the floppy controller. See Table 8 for the settings corresponding to the individual data
rates. The data rate select bits are unaffected by a software reset, and are set to 250 Kbps after a hardware reset.
BIT 2 through 4 PRECOMPENSATION SELECT
These three bits select the value of write precompensation that will be applied to the WDATA output signal. Table 7
shows the precompensation values for the combination of these bits settings. Track 0 is the default starting track
number to start precompensation. this starting track number can be changed by the configure command.
BIT 5 UNDEFINED
Should be written as a logic "0".
BIT 6 LOW POWER
A logic "1" written to this bit will put the floppy controller into manual low power mode. The floppy controller clock and
data separator circuits will be turned off. The controller will come out of manual low power mode after a software reset
or access to the Data Register or Main Status Register.
BIT 7 SOFTWARE RESET
This active high bit has the same function as the DOR RESET (DOR bit 2) except that this bit is self clearing.
Note: The DSR is Shadowed in the Floppy Data Rate Select Shadow Register, located at the offset 0x1F in the
runtime register block. Separator circuits will be turned off. The controller will come out of manual low power.
Table 7 - Precompensation Delays
PRECOMP
PRECOMPENSATION DELAY (nsec)
432
<2Mbps
2Mbps
111
001
010
011
100
101
110
000
0.00
41.67
83.34
125.00
166.67
208.33
250.00
Default
0
20.8
41.7
62.5
83.3
104.2
125
Default
Default: See Table 10
Table 8 - Data Rates
DRIVE RATE
DATA RATE
DATA RATE
DENSEL
DRATE(1)
DRT1
DRT0
SEL1
SEL0
MFM
FM
1
0
0
0
1
1
1Meg
---
1
1
1
0
0
0
0
500
250
1
0
0
0
0
0
1
300
150
0
0
1
0
0
1
0
250
125
0
1
0
0
1
1
1
1Meg
---
1
1
1
0
1
0
0
500
250
1
0
0
0
1
0
1
500
250
0
0
1
0
1
1
0
250
125
0
1
0
1
0
1
1
1Meg
---
1
1
1
1
0
0
0
500
250
1
0
0
1
0
0
1
2Meg
---
0
0
1
1
0
1
0
250
125
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com