Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 154 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 154 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 150Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 151Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 152Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 153Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 154Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 155Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 156Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 157Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 158Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
154
Rev. 1.6
14.5.2. Master Receiver Mode
Serial data is received on SDA while the serial clock is output on SCL. The SMBus interface generates the
START condition and transmits the first byte containing the address of the target slave and the data direc-
tion bit. In this case the data direction bit (R/W) will be logic 1 (READ). Serial data is then received from the
slave on SDA while the SMBus outputs the serial clock. The slave transmits one or more bytes of serial
data. After each byte is received, ACKRQ is set to ‘1’ and an interrupt is generated. Software must write
the ACK bit (SMB0CN.1) to define the outgoing acknowledge value (Note: writing a ‘1’ to the ACK bit gen-
erates an ACK; writing a ‘0’ generates a NACK). Software should write a ‘0’ to the ACK bit after the last
byte is received, to transmit a NACK. The interface exits Master Receiver Mode after the STO bit is set and
a STOP is generated. Note that the interface will switch to Master Transmitter Mode if SMB0DAT is written
while an active Master Receiver. Figure 14.6 shows a typical Master Receiver sequence. Two received
data bytes are shown, though any number of bytes may be received. Notice that the ‘data byte transferred’
interrupts occur before the ACK cycle in this mode.
Figure 14.6. Typical Master Receiver Sequence
Data Byte
Data Byte
A
N
A
S
R
P
SLA
S = START
P = STOP
A = ACK
N = NACK
R = READ
SLA = Slave Address
Received by SMBus
Interface
Transmitted by
SMBus Interface
Interrupt
Interrupt
Interrupt
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com